Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG406BN Datasheet(PDF) 9 Page - Analog Devices

Part # ADG406BN
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406BN Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG406BN Datasheet HTML 5Page - Analog Devices ADG406BN Datasheet HTML 6Page - Analog Devices ADG406BN Datasheet HTML 7Page - Analog Devices ADG406BN Datasheet HTML 8Page - Analog Devices ADG406BN Datasheet HTML 9Page - Analog Devices ADG406BN Datasheet HTML 10Page - Analog Devices ADG406BN Datasheet HTML 11Page - Analog Devices ADG406BN Datasheet HTML 12Page - Analog Devices ADG406BN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 9 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD
NC
NC
S16
D
28
VSS
27
S8
26
S7
25
S15
S14
S13
S6
24
S5
23
S4
22
S12
S3
21
S11
S2
20
S10
S1
19
S9
EN
18
GND
A0
17
NC
A1
16
A3
A2
15
NC = NO CONNECT
ADG406
TOP VIEW
(Not to Scale)
1
2
5
6
7
8
9
10
11
12
14
13
3
4
Figure 6. 28-Lead PDIP
128 27 26
2
3
4
5
6
7
8
9
10
11
25
24
23
22
21
20
19
NC = NO CONNECT
S15
S14
S13
S12
S11
S10
S9
S7
S6
S5
S4
S3
S2
S1
PIN 1
INDENTFIER
ADG406
TOP VIEW
(Not to scale)
12 13 14 15 16 17 18
Figure 7. 28-Lead PLCC
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Most Positive Power Supply Potential.
2, 3, 13
NC
No Connect.
4 to 11
S16 to S9
Source Terminal 16 to Source Terminal 9. These pins can be inputs or outputs.
12
GND
Ground (0 V) Reference.
14 to 17
A3 to A0
Logic Control Input.
18
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are turned off. When this pin
is high, the Ax logic inputs determine which switch is turned on.
19 to 26
S1 to 8
Source Terminal 1 to Source Terminal 8. These pins can be inputs or outputs.
27
VSS
Most Negative Power Supply Potential. In single-supply applications, this pin can be connected to ground.
28
D
Drain Terminal. This pin can be an input or an output.
Table 5. Truth Table (ADG406)
A3
A2
A1
A0
EN
On Switch
X
X
X
X
0
None
0
0
0
0
1
1
0
0
0
1
1
2
0
0
1
0
1
3
0
0
1
1
1
4
0
1
0
0
1
5
0
1
0
1
1
6
0
1
1
0
1
7
0
1
1
1
1
8
1
0
0
0
1
9
1
0
0
1
1
10
1
0
1
0
1
11
1
0
1
1
1
12
1
1
0
0
1
13
1
1
0
1
1
14
1
1
1
0
1
15
1
1
1
1
1
16


Similar Part No. - ADG406BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG406BN AD-ADG406BN Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
More results

Similar Description - ADG406BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408_06 Datasheet
440Kb / 16P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG426 AD-ADG426_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407 AD-ADG407_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com