Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7901BRUZ-RL71 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF7901BRUZ-RL71
Description  High Performance ISM Band OOK/FSK Transmitter IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7901BRUZ-RL71 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF7901BRUZ-RL71 Datasheet HTML 4Page - Analog Devices ADF7901BRUZ-RL71 Datasheet HTML 5Page - Analog Devices ADF7901BRUZ-RL71 Datasheet HTML 6Page - Analog Devices ADF7901BRUZ-RL71 Datasheet HTML 7Page - Analog Devices ADF7901BRUZ-RL71 Datasheet HTML 8Page - Analog Devices ADF7901BRUZ-RL71 Datasheet HTML 9Page - Analog Devices ADF7901BRUZ-RL71 Datasheet HTML 10Page - Analog Devices ADF7901BRUZ-RL71 Datasheet HTML 11Page - Analog Devices ADF7901BRUZ-RL71 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADF7901
Rev. A | Page 10 of 12
3pF
8pF
22nH
27nH
5.6pF
DVDD
RFOUT
RSET
3.6k
Ω
CREG2
2.2
μF
22nF
CVCO
CPOUT
VCOIN
VCOIN
FSK1
FSK2
FSK3
OOK_SEL
TxDATA
CE
9.8304MHz
33pF
33pF
GND
OSC2
OSC1
ANTENNA
ADF7901
PA_EN
RSET_FSK
RSET_OOK
3.6k
Ω
3.6k
Ω
CREG1
2.2
μF
3pF
1.5pF
22nH
36nH
MATCHING 50
Ω
TO ANTENNA
5TH-ORDER, LOW-PASS FILTER
MATCHING RFOUT TO 50Ω
NOTES
1. DECOUPLING CAPACITORS HAVE
BEEN OMITTED FOR CLARITY.
Figure 8. Applications Diagram for the ADF7901 in a Remote Control System
LAYOUT GUIDELINES
The layout of the board is crucial to ensuring low levels of
spurious and harmonics.
Decoupling
Decoupling capacitors (high frequency 22 pF, low frequency
100 nF) should be placed as close as possible to the supply pins
on the part. Low size 0402 and 0603 components are recom-
mended for the high frequency rejection on the supply.
Regulator Stability
A minimum of 1 μF is needed on both CREG1 and CREG2 to ensure
stability. An additional 22 pF capacitor can be added to reject
higher frequency noise. Because many of the internal blocks
run off the regulator, it is critical to reduce its noise. Low size
0402 and 0603 components are recommended for the high
frequency rejection on the supply.
Grounding
Emphasis should be placed on grounding once the decoupling
capacitors have been added. The PA stage switches currents of
15 mA in maximum power mode. This causes changes in the
ground resulting in large return currents that can radiate to
other parts of the board. The shortest and least obstructed
ground from RFGND back to the ground of the battery should be
ensured. A 4-layer board helps, as well as flooding the top layer.
The ground paths should not have any vias and should be wide
tracks.
Supply
The supply tracks can be routed through vias, because they act
as free inductors and make layout easier on a 2-layer board
(see the Decoupling section). Tracks should be wide.
Digital Lines
Digital lines should contain a large resistor in series. This
impedance blocks signals of many frequencies, including
harmonics and the carrier frequency. Long control lines can
act as antennae. It can be useful to add capacitance to ground.
There is some capacitance to ground provided by the lines and
at the input of the digital pins.


Similar Part No. - ADF7901BRUZ-RL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
More results

Similar Description - ADF7901BRUZ-RL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com