Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG406BP-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # ADG406BP-REEL
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406BP-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG406BP-REEL Datasheet HTML 2Page - Analog Devices ADG406BP-REEL Datasheet HTML 3Page - Analog Devices ADG406BP-REEL Datasheet HTML 4Page - Analog Devices ADG406BP-REEL Datasheet HTML 5Page - Analog Devices ADG406BP-REEL Datasheet HTML 6Page - Analog Devices ADG406BP-REEL Datasheet HTML 7Page - Analog Devices ADG406BP-REEL Datasheet HTML 8Page - Analog Devices ADG406BP-REEL Datasheet HTML 9Page - Analog Devices ADG406BP-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 6 of 20
SINGLE SUPPLY
VDD = +12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter1
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
RON
90
Ω typ
VD = +3 V, +8.5 V, IS = −1 mA;
125
200
Ω max
VDD = +10.8 V
LEAKAGE CURRENTS
VDD = +13.2 V
Source Off Leakage IS (Off )
±0.5
±20
nA max
VD = 8 V/0.1 V, VS = 0.1 V/8 V; see Figure 26
Drain Off Leakage ID (Off )
VD = 8 V/0.1 V, VS = 0.1 V/8 V; see Figure 27
ADG406, ADG426
±1
±20
nA max
ADG407
±1
±20
nA max
Channel On Leakage ID, IS (On)
VS = VD = 8 V/0.1 V, see Figure 28
ADG406, ADG426
±1
±20
nA max
ADG407
±1
±20
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
±1
μA max
VIN = 0 or VDD
CIN, Digital Input Capacitance
8
pF typ
f = 1 MHz
DYNAMIC CHARACTERISTICS2
tTRANSITION
180
ns typ
RL = 300 Ω, CL = 35 pF; V1 = 8 V/0 V, V2 = 0 V/8 V; see Figure 29
220
350
ns max
Break Before Make Delay, tOPEN
10
ns typ
RL = 300 Ω, CL = 35 pF; VS = 5 V, see Figure 30
tON (EN, WR)
180
ns typ
RL = 300 Ω, CL = 35 pF;
240
350
ns max
VS = +5 V, see Figure 31
tOFF (EN, RS)
135
ns typ
RL = 300 Ω, CL = 35 pF; VS = 5 V, see Figure 31
180
220
ns max
ADG426 Only
tW, Write Pulse Width
100
ns min
tS, Address, Enable Setup Time
100
ns min
tH, Address, Enable Hold Time
10
ns min
tRS, Reset Pulse Width
100
ns min
VS = +5 V
Charge Injection
5
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see Figure 34
Off Isolation
−75
dB typ
RL = 1 kΩ, f = 100 kHz; see Figure 35
Channel-to-Channel Crosstalk
85
dB typ
RL = 1 kΩ, f = 100 kHz; see Figure 36
CS (Off )
8
pF typ
f = 1 MHz
CD (Off )
f = 1 MHz
ADG406, ADG426
80
pF typ
ADG407
40
pF typ
f = 1 MHz
CD, CS (On)
ADG406, ADG426
100
pF typ
ADG407
50
pF typ
POWER REQUIREMENTS
VDD = +13.2 V
IDD
1
μA typ
VIN = 0 V, VEN = 0 V
5
μA max
IDD
100
μA typ
VIN = 0 V, VEN = 2.4 V
200
500
μA max
1 Temperature range is −40°C to +85°C.
2 Guaranteed by design, not subject to production test.


Similar Part No. - ADG406BP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG406BP AD-ADG406BP Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
More results

Similar Description - ADG406BP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408_06 Datasheet
440Kb / 16P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG426 AD-ADG426_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407 AD-ADG407_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com