Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4118BRUZ-RL1 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4118BRUZ-RL1
Description  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4118BRUZ-RL1 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4118BRUZ-RL1 Datasheet HTML 7Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 8Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 9Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 10Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 11Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 12Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 13Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 14Page - Analog Devices ADF4118BRUZ-RL1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADF4116/ADF4117/ADF4118
Rev. D | Page 11 of 28
–60
–80
–90
–70
TEMPERATURE (°C)
0
20
40
60
80
100
VDD = 3V
VP = 5V
–100
Figure 22. ADF4118 Reference Spurs vs. Temperature
(836 MHz, 30 kHz, 3 kHz)
0
0
PRESCALER OUTPUT FREQUENCY (MHz)
50
100
150
200
0.5
1.0
1.5
2.0
2.5
3.0
Figure 23. DIDD vs. Prescaler Output Frequency
VCP (V)
01.0
–1.2
–0.8
–1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.5
5.0
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
VP = 5V
ICP SETTING: 1mA
4.0
Figure 24. Charge Pump Output Characteristics


Similar Part No. - ADF4118BRUZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4118BRU AD-ADF4118BRU Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4118BRU AD-ADF4118BRU Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
More results

Similar Description - ADF4118BRUZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com