Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG426BRSZ-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # ADG426BRSZ-REEL
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG426BRSZ-REEL Datasheet(HTML) 5 Page - Analog Devices

  ADG426BRSZ-REEL Datasheet HTML 1Page - Analog Devices ADG426BRSZ-REEL Datasheet HTML 2Page - Analog Devices ADG426BRSZ-REEL Datasheet HTML 3Page - Analog Devices ADG426BRSZ-REEL Datasheet HTML 4Page - Analog Devices ADG426BRSZ-REEL Datasheet HTML 5Page - Analog Devices ADG426BRSZ-REEL Datasheet HTML 6Page - Analog Devices ADG426BRSZ-REEL Datasheet HTML 7Page - Analog Devices ADG426BRSZ-REEL Datasheet HTML 8Page - Analog Devices ADG426BRSZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 5 of 20
Parameter1
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
1
μA typ
VIN = 0 V, VEN = 0 V
5
μA max
ISS
1
μA typ
5
μA max
IDD
100
μA typ
VIN = 0 V, VEN = 2.4 V
200
500
μA max
ISS
1
μA typ
5
μA max
1 Temperature ranges is −40°C to +85°C.
2 Guaranteed by design, not subject to production test.


Similar Part No. - ADG426BRSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG426BRS AD-ADG426BRS Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
More results

Similar Description - ADG426BRSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408_06 Datasheet
440Kb / 16P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG426 AD-ADG426_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407 AD-ADG407_15 Datasheet
391Kb / 20P
   LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com