Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WYO472MCMCRAKR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WYO472MCMCRAKR
Description  AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WYO472MCMCRAKR Datasheet(HTML) 1 Page - Vishay Siliconix

  WYO472MCMCRAKR Datasheet HTML 1Page - Vishay Siliconix WYO472MCMCRAKR Datasheet HTML 2Page - Vishay Siliconix WYO472MCMCRAKR Datasheet HTML 3Page - Vishay Siliconix WYO472MCMCRAKR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WYO Series
www.vishay.com
Vishay Draloric
Revision: 10-Apr-13
1
Document Number: 22202
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AC Line Rated Ceramic Disc Capacitors
Class X1, 440 VAC, Class Y2, 250 VAC
MARKING
Marking indicates series, AC rating, capacitance, tolerance
code, and approvals.
OPERATING TEMPERATURE RANGE
- 40 °C to + 125 °C
TEMPERATURE CHARACTERISTICS
Class 2
Y5U
SECTIONAL SPECIFICATIONS
Climatic category (according to EN 60058-1)
Class 2
40/125/21B
APPROVALS
IEC 60384-14.3
UL 60384-14.1
CSA E60384-1:03 2nd edition, CSA E60384-14:09 2nd edition
FEATURES
• Complying with IEC 60384-14 3rd edition
• High reliability
• Wide range of capacitance values
• Wide range of different leadstyles
• Singlelayer AC Disc capacitors
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• X1, Y2 according to IEC 60384-14.3
•Line-by-pass
DESIGN
The capacitors consist of ceramic disc both sides of which
are silver plated. Connection leads are made of tinned
copper having diameters of 0.6 mm.
The capacitors may be supplied with straight or kinked
leads having a lead spacing of 5.0 mm or 7.5 mm.
Coating is made of blue colored flame retardant epoxy resin
in accordance with UL 94 V-0.
CAPACITANCE RANGE
1.0 nF to 12 nF
TOLERANCE ON CAPACITANCE
± 20 %
RATED VOLTAGE
• X1:
440 VAC, 50 Hz (IEC 60384-14.3)
440 VAC, 50 Hz/60 Hz (US/UL/CSA 60384-14)
• Y2:
250 VAC, 50 Hz (IEC 60384-14.3)
250 VAC, 50 Hz/60 Hz (US/UL/CSA 60384-14)
TEST VOLTAGE
• 2500 VAC, 50 Hz, 2 s
Component test (100 %)
• 1500 VAC, 50 Hz, 60 s Random sampling test (destructive)
• 2000 VAC, 60 Hz, 60 s Voltage proof of coating (destructive)
INSULATION RESISTANCE AT 500 VDC
6000 M (60 s)
DISSIPATION FACTOR
Class 2: Max. 2.5 % (1 kHz)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
2
Ceramic Dielectric
Y5U
Voltage (VAC)
440
250
Min. Capacitance (pF)
1000
Max. Capacitance (pF)
12 000
Mounting
Radial


Similar Part No. - WYO472MCMCRAKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
More results

Similar Description - WYO472MCMCRAKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMSDFKR VISHAY-WYO472MCMSDFKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
WKO VISHAY-WKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
VKO VISHAY-VKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5UG63V7 VISHAY-VY2222M35Y5UG63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com