Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG633YRU Datasheet(PDF) 1 Page - Analog Devices

Part # ADG633YRU
Description  CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG633YRU Datasheet(HTML) 1 Page - Analog Devices

  ADG633YRU Datasheet HTML 1Page - Analog Devices ADG633YRU Datasheet HTML 2Page - Analog Devices ADG633YRU Datasheet HTML 3Page - Analog Devices ADG633YRU Datasheet HTML 4Page - Analog Devices ADG633YRU Datasheet HTML 5Page - Analog Devices ADG633YRU Datasheet HTML 6Page - Analog Devices ADG633YRU Datasheet HTML 7Page - Analog Devices ADG633YRU Datasheet HTML 8Page - Analog Devices ADG633YRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS, ±5 V/+5 V/+3 V, Triple SPDT Switch
ADG633
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2009 Analog Devices, Inc. All rights reserved.
FEATURES
±2 V to ±6 V dual-supply operation
2 V to 12 V single-supply operation
Automotive temperature range: −40°C to +125°C
<0.2 nA leakage currents
52 Ω on resistance over full signal range
Rail-to-rail switching operation
16-lead LFCSP and TSSOP packages
Typical power consumption: <0.1 μW
TTL-/CMOS-compatible inputs
Package upgrades to 74HC4053 and MAX4053/MAX4583
APPLICATIONS
Automotive applications
Automatic test equipment
Data acquisition systems
Battery-powered systems
Communications systems
Audio and video signal routing
Relay replacement
Sample-and-hold systems
Industrial control systems
FUNCTIONAL BLOCK DIAGRAM
S1B
D1
S1A
S2A
D2
S2B
S3A
D3
S3B
A0 A1 A2 EN
LOGIC
ADG633
SWITCHES SHOWN FOR A LOGIC 1 INPUT.
Figure 1.
GENERAL DESCRIPTION
The ADG633 is a low voltage CMOS device comprising three
independently selectable single-pole, double-throw (SPDT)
switches. The device is fully specified for ±5 V, +5 V, and +3 V
supplies. The ADG633 switches are turned on with a logic low
(or high) on the appropriate control input. Each switch conducts
equally well in both directions when on and has an input signal
range that extends to the supplies. An EN input is used to enable
or disable the device. When the device is disabled, all channels
are switched off.
The ADG633 is designed on an enhanced process that provides
lower power dissipation, yet is capable of high switching speeds.
Low power consumption and an operating supply range of 2 V
to 12 V make the ADG633 ideal for battery-powered, portable
instruments. All channels exhibit break-before-make switching
action, preventing momentary shorting when switching channels.
All digital inputs have 0.8 V to 2.4 V logic thresholds, ensuring
TTL/CMOS logic compatibility when using single +5 V or dual
±5 V supplies.
The ADG633 is available in a small, 16-lead TSSOP package
and a 16-lead, 4 mm × 4 mm LFCSP package.
PRODUCT HIGHLIGHTS
1.
Single- and dual-supply operation. The ADG633 offers
high performance and is fully specified and guaranteed
with ±5 V, +5 V, and +3 V supply rails.
2.
Automotive temperature range: −40°C to +125°C.
3.
Guaranteed break-before-make switching action.
4.
Low power consumption, typically <0.1 μW.
5.
Small, 16-lead TSSOP and 16-lead, 4 mm × 4 mm LFCSP
packages.


Similar Part No. - ADG633YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG633YRU AD-ADG633YRU Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
More results

Similar Description - ADG633YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG633 AD-ADG633 Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
logo
Vishay Siliconix
DG9454E VISHAY-DG9454E_V01 Datasheet
222Kb / 13P
   Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
08-Feb-17
logo
Analog Devices
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com