Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG611YRZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG611YRZ1
Description  1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG611YRZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG611YRZ1 Datasheet HTML 2Page - Analog Devices ADG611YRZ1 Datasheet HTML 3Page - Analog Devices ADG611YRZ1 Datasheet HTML 4Page - Analog Devices ADG611YRZ1 Datasheet HTML 5Page - Analog Devices ADG611YRZ1 Datasheet HTML 6Page - Analog Devices ADG611YRZ1 Datasheet HTML 7Page - Analog Devices ADG611YRZ1 Datasheet HTML 8Page - Analog Devices ADG611YRZ1 Datasheet HTML 9Page - Analog Devices ADG611YRZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG611/ADG612/ADG613
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted
Table 4.
Parameter
Rating
VDD to VSS
13 V
VDD to GND
−0.3 V to +6.5 V
VSS to GND
+0.3 V to −6.5 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V
Digital Inputs1
GND − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, S or D
20 mA (pulsed at 1 ms, 10%
duty cycle maximum)
Continuous Current, S or D
10 mA
3 V operation 85°C to 125°C
7.5 mA
Operating Temperature Range
Automotive (Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
16-Lead TSSOP
150.4°C/W
16-Lead SOIC, 4-Layer Board
80.6°C/W
Lead Soldering
Lead Temperature, Soldering
(10 sec)
300°C
IR Reflow, Peak Temperature
(<20 sec)
220°C
(Pb-Free) Soldering
Reflow, Peak Temperature
260(+0/−5)°C
Time at Peak Temperature
20 sec to 40 sec
1Overvoltages at IN, S, or D are clamped by internal diodes. The current
should be limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating can be applied at any one time.
ESD CAUTION


Similar Part No. - ADG611YRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG611YRU AD-ADG611YRU Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
ADG611YRUZ-REEL7 AD-ADG611YRUZ-REEL7 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
More results

Similar Description - ADG611YRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
logo
Vishay Siliconix
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9232E VISHAY-DG9232E Datasheet
276Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
Rev. A, 25-Jul-16
logo
Analog Devices
ADG604 AD-ADG604 Datasheet
155Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
logo
Analog Devices
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG604YRUZ AD-ADG604YRUZ Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com