Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG612YRUZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG612YRUZ1
Description  1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG612YRUZ1 Datasheet(HTML) 5 Page - Analog Devices

  ADG612YRUZ1 Datasheet HTML 1Page - Analog Devices ADG612YRUZ1 Datasheet HTML 2Page - Analog Devices ADG612YRUZ1 Datasheet HTML 3Page - Analog Devices ADG612YRUZ1 Datasheet HTML 4Page - Analog Devices ADG612YRUZ1 Datasheet HTML 5Page - Analog Devices ADG612YRUZ1 Datasheet HTML 6Page - Analog Devices ADG612YRUZ1 Datasheet HTML 7Page - Analog Devices ADG612YRUZ1 Datasheet HTML 8Page - Analog Devices ADG612YRUZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG611/ADG612/ADG613
Rev. A | Page 5 of 16
VDD = 3 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 3.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C1
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
On Resistance, RON
380
420
460
Ω typ
VS = 1.5 V, IS = −1 mA; see Figure 14
LEAKAGE CURRENTS
VDD = 3.3 V
Source Off Leakage, IS(OFF)
±0.01
nA typ
VS = 1 V/3 V, VD = 3 V/1 V; see Figure 15
±0.1
±0.25
± 2
nA max
VS = 1 V/3 V, VD = 3 V/1 V; see Figure 15
Drain Off Leakage, ID(OFF)
±0.01
nA typ
VS = 1 V/3 V, VD = 3 V/1 V; see Figure 15
±0.1
±0.25
±2
nA max
VS = 1 V/3 V, VD = 3 V/1 V; see Figure 15
Channel On Leakage, ID(ON), IS(ON)
±0.01
nA typ
VS = VD = 1 V or 3 V; see Figure 16
±0.1
±0.25
±6
nA max
VS = VD = 1 V or 3 V; see Figure 16
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
VIN = VINL or VINH
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS2
tON
130
ns typ
RL = 300 Ω, CL = 35 pF, VS = 2 V; see Figure 17
185
230
260
ns max
RL = 300 Ω, CL = 35 pF, VS = 2 V; see Figure 17
tOFF
40
ns typ
RL = 300 Ω, CL = 35 pF, VS = 2 V; see Figure 17
55
60
65
ns max
RL = 300 Ω, CL = 35 pF, VS = 2 V; see Figure 17
Break-Before-Make Time Delay, tBBM
50
ns typ
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 2 V; see Figure 18
10
ns min
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 2 V; see Figure 18
Charge Injection
1.5
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 19
Off Isolation
−62
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz; see Figure 20
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz; see Figure 21
−3 dB Bandwidth
680
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 22
CS(OFF)
5
pF typ
f = 1 MHz
CD(OFF)
5
pF typ
f = 1 MHz
CD(ON), CS(ON)
5
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 3.3 V
IDD
0.001
μA typ
Digital inputs = 0 V or 3.3 V
1.0
μA max
Digital inputs = 0 V or 3.3 V
1 The temperature range for the Y version is −40°C to +125°C.
2 Guaranteed by design; not subject to production test.


Similar Part No. - ADG612YRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG612YRU AD-ADG612YRU Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
More results

Similar Description - ADG612YRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
logo
Vishay Siliconix
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9232E VISHAY-DG9232E Datasheet
276Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
Rev. A, 25-Jul-16
logo
Analog Devices
ADG604 AD-ADG604 Datasheet
155Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
logo
Analog Devices
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG604YRUZ AD-ADG604YRUZ Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com