Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG633YCPZ-REEL71 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG633YCPZ-REEL71
Description  CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG633YCPZ-REEL71 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG633YCPZ-REEL71 Datasheet HTML 5Page - Analog Devices ADG633YCPZ-REEL71 Datasheet HTML 6Page - Analog Devices ADG633YCPZ-REEL71 Datasheet HTML 7Page - Analog Devices ADG633YCPZ-REEL71 Datasheet HTML 8Page - Analog Devices ADG633YCPZ-REEL71 Datasheet HTML 9Page - Analog Devices ADG633YCPZ-REEL71 Datasheet HTML 10Page - Analog Devices ADG633YCPZ-REEL71 Datasheet HTML 11Page - Analog Devices ADG633YCPZ-REEL71 Datasheet HTML 12Page - Analog Devices ADG633YCPZ-REEL71 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG633
Rev. A | Page 9 of
16
IS(OFF), ID(OFF)
IS(ON), ID(ON)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
120
100
80
60
40
20
TEMPERATURE (°C)
VDD = +5V
VSS = 0V
VD = ±4V
VS = 1V
VDD = +3V
VSS = 0V
VD = ±2.4V
VS = 1V
Figure 10. Leakage Current vs. Temperature, Single Supply
VDD = +5V
VSS = 0V
VDD = +3V
VSS = 0V
VDD = +5V
VSS = –5V
14
–4
–2
0
2
4
6
8
10
12
–5
5
4
3
2
1
0
–1
–2
–3
–4
VS (V)
TA = 25°C
Figure 11. Charge Injection vs. Source Voltage
tON
tOFF
100
90
80
70
60
50
40
30
20
10
0
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
VDD = +5V
VSS = –5V
Figure 12. tON/tOFF Times vs. Temperature, Dual Supplies
300
250
200
150
100
50
0
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
tOFF
VDD = 3V
VDD = 3V
VDD = 5V
VSS = 0V
tON
Figure 13. tON/tOFF Times vs. Temperature, Single Supply
0
–2
–4
–6
–8
–10
100k
1M
10M
100M
FREQUENCY (Hz)
VDD = +5V
VSS = –5V
TA = 25°C
Figure 14. On Response vs. Frequency
0
–20
–40
–60
–80
–120
–100
100k
1M
10M
100M
FREQUENCY (Hz)
VDD = +5V
VSS = –5V
TA = 25°C
Figure 15. Off Isolation vs. Frequency


Similar Part No. - ADG633YCPZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG633YCP AD-ADG633YCP Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
More results

Similar Description - ADG633YCPZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG633 AD-ADG633 Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
logo
Vishay Siliconix
DG9454E VISHAY-DG9454E_V01 Datasheet
222Kb / 13P
   Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
08-Feb-17
logo
Analog Devices
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com