Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG701BRT-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # ADG701BRT-REEL
Description  CMOS Low Voltage 2 廓 SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG701BRT-REEL Datasheet(HTML) 3 Page - Analog Devices

  ADG701BRT-REEL Datasheet HTML 1Page - Analog Devices ADG701BRT-REEL Datasheet HTML 2Page - Analog Devices ADG701BRT-REEL Datasheet HTML 3Page - Analog Devices ADG701BRT-REEL Datasheet HTML 4Page - Analog Devices ADG701BRT-REEL Datasheet HTML 5Page - Analog Devices ADG701BRT-REEL Datasheet HTML 6Page - Analog Devices ADG701BRT-REEL Datasheet HTML 7Page - Analog Devices ADG701BRT-REEL Datasheet HTML 8Page - Analog Devices ADG701BRT-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADG701/ADG702
Rev. C | Page 3 of 12
SPECIFICATIONS
VDD = 5 V ± 10%, GND = 0 V. Temperature range for B version is −40°C to +85°C, unless otherwise noted.
Table 2.
B Version
Parameter
+25°C
–40°C to
+85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
2
Ω typ
VS = 0 V to VDD, IS = –10 mA; Figure 11
3
4
Ω max
On Resistance Flatness (RFLAT(ON))
0.5
Ω typ
VS = 0 V to VDD, IS = –10 mA
1.0
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source OFF Leakage, IS (OFF)
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V; Figure 12
Drain OFF Leakage, ID (OFF)
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V; Figure 12
Channel ON Leakage, ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V, or 4.5 V; Figure 13
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
DYNAMIC CHARACTERISTICS1
tON
12
ns typ
RL = 300 Ω, CL = 35 pF
18
ns max
VS = 3 V; Figure 14
tOFF
8
ns typ
RL = 300 Ω, CL = 35 pF
12
ns max
VS = 3 V; Figure 14
Charge Injection
5
pC typ
VS = 2 V, RS = 0 Ω, CL = 1 nF; Figure 15
Off Isolation
–55
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
–75
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 16
Bandwidth –3 dB
200
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 17
CS (OFF)
17
pF typ
CD (OFF)
17
pF typ
CD, CS (ON)
38
pF typ
POWER REQUIREMENTS
VDD = 5.5 V
Digital inputs = 0 V or 5 V
IDD
0.001
μA typ
1.0
μA max
1 Guaranteed by design, not subject to production test.


Similar Part No. - ADG701BRT-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701BRT-REEL AD-ADG701BRT-REEL Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRT-REEL7 AD-ADG701BRT-REEL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Similar Description - ADG701BRT-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com