Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG726BCP Datasheet(PDF) 1 Page - Analog Devices

Part # ADG726BCP
Description  16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726BCP Datasheet(HTML) 1 Page - Analog Devices

  ADG726BCP Datasheet HTML 1Page - Analog Devices ADG726BCP Datasheet HTML 2Page - Analog Devices ADG726BCP Datasheet HTML 3Page - Analog Devices ADG726BCP Datasheet HTML 4Page - Analog Devices ADG726BCP Datasheet HTML 5Page - Analog Devices ADG726BCP Datasheet HTML 6Page - Analog Devices ADG726BCP Datasheet HTML 7Page - Analog Devices ADG726BCP Datasheet HTML 8Page - Analog Devices ADG726BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADG726/ADG732
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
16-/32-Channel, 4
+1.8 V to +5.5 V,
2.5 V Analog Multiplexers
FEATURES
1.8 V to 5.5 V Single Supply
2.5 V Dual-Supply Operation
4
On Resistance
0.5
On Resistance Flatness
48-Lead TQFP or 48-Lead 7 mm
7 mm CSP Packages
Rail-to-Rail Operation
30 ns Switching Times
Single 32-to-1 Channel Multiplexer
Dual/Differential 16-to-1 Channel Multiplexer
TTL/CMOS Compatible Inputs
For Functionally Equivalent Devices with Serial Interface
See ADG725/ADG731
APPLICATIONS
Optical Applications
Data Acquisition Systems
Communication Systems
Relay Replacement
Audio and Video Switching
Battery-Powered Systems
Medical Instrumentation
Automatic Test Equipment
FUNCTIONAL BLOCK DIAGRAMS
ADG732
EN
S1
S32
WR
CS
A4
A3
A2
A1
A0
D
1-OF-32
DECODER
S1A
S16A
DA
ADG726
EN
WR
A3
A2
A1
A0
S1B
S16B
DB
1-OF-16
DECODER
CSA
CSB
PRODUCT HIGHLIGHTS
1. +1.8 V to +5.5 V single- or
±2.5 V dual-supply operation.
These parts are specified and guaranteed with +5 V
± 10%,
+3 V
± 10% single-supply, and ± 2.5 V ± 10% dual-
supply rails.
2. On resistance of 4
3. Guaranteed break-before-make switching action
4. 7 mm
× 7 mm 48-lead chip scale package (CSP)
or 48-lead TQFP package
GENERAL DESCRIPTION
The ADG726/ADG732 are monolithic CMOS 32-channel/dual
16-channel analog multiplexers. The ADG732 switches one of
32 inputs (S1-S32) to a common output, D, as determined by
the 5-bit binary address lines A0, A1, A2, A3, and A4. The
ADG726 switches one of 16 inputs as determined by the 4-bit
binary address lines A0, A1, A2, and A3.
On-chip latches facilitate microprocessor interfacing. The
ADG726 device may also be configured for differential opera-
tion by tying
CSA and CSB together. An EN input is used to
enable or disable the devices. When disabled, all channels are
switched OFF.
These multiplexers are designed on an enhanced submicron
process that provides low power dissipation yet gives high
switching speed, very low on resistance, and leakage currents.
They operate from a single supply of +1.8 V to +5.5 V and a
±2.5 V
dual supply, making them ideally suited to a variety of applications.
On resistance is in the region of a few ohms and is closely
matched between switches and very flat over the full signal
range. These parts can operate equally well as either multiplexers
or demultiplexers and have an input signal range that extends to
the supplies. In the OFF condition, signal levels up to the supplies
are blocked. All channels exhibit break-before-make switching
action, preventing momentary shorting when switching channels.
They are available in either 48-lead CSP or TQFP packages.


Similar Part No. - ADG726BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG726BCP AD-ADG726BCP Datasheet
201Kb / 13P
   16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD 2001
ADG726BCP AD-ADG726BCP Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com