Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG659YRUZ1 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG659YRUZ1
Description  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG659YRUZ1 Datasheet(HTML) 4 Page - Analog Devices

  ADG659YRUZ1 Datasheet HTML 1Page - Analog Devices ADG659YRUZ1 Datasheet HTML 2Page - Analog Devices ADG659YRUZ1 Datasheet HTML 3Page - Analog Devices ADG659YRUZ1 Datasheet HTML 4Page - Analog Devices ADG659YRUZ1 Datasheet HTML 5Page - Analog Devices ADG659YRUZ1 Datasheet HTML 6Page - Analog Devices ADG659YRUZ1 Datasheet HTML 7Page - Analog Devices ADG659YRUZ1 Datasheet HTML 8Page - Analog Devices ADG659YRUZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG658/ADG659
Rev. B | Page 4 of 20
B Version
Y Version
Parameter
+25°C
−40°C
to +85°C
−40°C
to+125°C
Unit
Test Conditions/Comments
CS (OFF)
4
pF typ
f = 1 MHz
CD (OFF)
ADG658
23
pF typ
f = 1 MHz
ADG659
12
pF typ
f = 1 MHz
CD, CS (ON)
ADG658
28
pF typ
f = 1 MHz
ADG659
16
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.01
μA typ
Digital Inputs = 0 V or 5.5 V
1
μA max
ISS
0.01
μA typ
Digital Inputs = 0 V or 5.5 V
1
μA max
1 Guaranteed by design; not subject to production test.


Similar Part No. - ADG659YRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG659YRU AD-ADG659YRU Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG659YRU-REEL7 AD-ADG659YRU-REEL7 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
More results

Similar Description - ADG659YRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com