Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG901BRM Datasheet(PDF) 1 Page - Analog Devices

Part # ADG901BRM
Description  Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG901BRM Datasheet(HTML) 1 Page - Analog Devices

  ADG901BRM Datasheet HTML 1Page - Analog Devices ADG901BRM Datasheet HTML 2Page - Analog Devices ADG901BRM Datasheet HTML 3Page - Analog Devices ADG901BRM Datasheet HTML 4Page - Analog Devices ADG901BRM Datasheet HTML 5Page - Analog Devices ADG901BRM Datasheet HTML 6Page - Analog Devices ADG901BRM Datasheet HTML 7Page - Analog Devices ADG901BRM Datasheet HTML 8Page - Analog Devices ADG901BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Wideband, 40 dB Isolation at 1 GHz, CMOS
1.65 V to 2.75 V, SPST Switches
ADG901/ADG902
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Wideband switch: −3 dB @ 4.5 GHz
ADG901—absorptive switch
ADG902—reflective switch
High off isolation: 40 dB @ 1 GHz
Low insertion loss: 0.8 dB @1 GHz
Single 1.65 V to 2.75 V power supply
CMOS/LVTTL control logic
8-lead MSOP and tiny 3 mm × 3 mm LFCSP packages
Low power consumption (<1 μA)
APPLICATIONS
Wireless communications
General purpose RF switching
Dual-band applications
High speed filter selection
Digital transceiver front end switch
IF switching
Tuner modules
Antenna diversity switching list
FUNCTIONAL BLOCK DIAGRAM
ADG901
RF2
RF1
CTRL
50
Ω
50
Ω
ADG902
RF2
RF1
CTRL
Figure 1.
GENERAL DESCRIPTION
The ADG901/ADG902 are wideband switches that use a CMOS
process to provide high isolation and low insertion loss to
1 GHz. The ADG901 is an absorptive (matched) switch with
50 Ω terminated shunt legs, while the ADG902 is a reflective
switch. These devices are designed such that the isolation is
high over the dc to 1 GHz frequency range. They have on-board
CMOS control logic, thus eliminating the need for external
controlling circuitry. The control inputs are both CMOS and
LVTTL compatible. The low power consumption of these
CMOS devices makes them ideally suited to wireless
applications and general-purpose high frequency switching.
PRODUCT HIGHLIGHTS
1.
−40 dB Off Isolation @ 1 GHz
2.
0.8 dB Insertion Loss @ 1 GHz
3.
Tiny 8-Lead MSOP/LFCSP Packages
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
VDD = 2.5V
VDD = 1.8V
TA = 25°C
Figure 2. Off Isolation vs. Frequency
–3.0
–2.8
–2.2
–1.6
–1.2
–3.0
–2.6
–2.4
–2.0
–1.8
–1.4
–1.0
–0.8
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
–0.6
–0.4
VDD = 2.5V
TA = 25°C
Figure 3. Insertion Loss vs. Frequency


Similar Part No. - ADG901BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG901BRM AD-ADG901BRM Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901BRM-500RL7 AD-ADG901BRM-500RL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901BRM-REEL7 AD-ADG901BRM-REEL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
More results

Similar Description - ADG901BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com