Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG723BRMZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADG723BRMZ
Description  CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG723BRMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG723BRMZ Datasheet HTML 4Page - Analog Devices ADG723BRMZ Datasheet HTML 5Page - Analog Devices ADG723BRMZ Datasheet HTML 6Page - Analog Devices ADG723BRMZ Datasheet HTML 7Page - Analog Devices ADG723BRMZ Datasheet HTML 8Page - Analog Devices ADG723BRMZ Datasheet HTML 9Page - Analog Devices ADG723BRMZ Datasheet HTML 10Page - Analog Devices ADG723BRMZ Datasheet HTML 11Page - Analog Devices ADG723BRMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG721/ADG722/ADG723
Data Sheet
Rev. E | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
5.5
6.0
VD OR VS – DRAIN OR SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TA = 25°C
VDD = 2.7V
VDD = 4.5V
VDD = 3.0V
VDD = 5.0V
Figure 5. On Resistance as a Function of VD (VS), Single Supplies
6
5
4
3
2
1
0
VD OR VS – DRAIN OR SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
VDD = 3V
+85°C
+25°C
–40°C
Figure 6. On Resistance as a Function of a VD (VS) for Different Temperatures,
VDD = 3 V
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
6.0
5.5
5.0
4.5
VD OR VS – DRAIN OR SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD = 5V
+85°C
+25°C
–40°C
Figure 7. On Resistance as a Function of VD (VS) for Different Temperatures,
VDD = 5 V
FREQUENCY (Hz)
1m
100µ
10µ
100n
10n
1n
10
100
1k
10k
100k
1M
10M
VDD = 5V
Figure 8. Supply Current vs. Input Switching Frequency
FREQUENCY (Hz)
–30
–40
–50
–60
–70
–80
–90
–100
VDD = 3V, 5V
10k
100k
1M
10M
100M
Figure 9. Off Isolation vs. Frequency
FREQUENCY (Hz)
–30
–40
–50
–60
–70
–80
–90
–100
–110
10k
100k
1M
10M
100M
VDD = 3V, 5V
Figure 10. Crosstalk vs. Frequency


Similar Part No. - ADG723BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG723BRM AD-ADG723BRM Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
More results

Similar Description - ADG723BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4641 MAXIM-MAX4641 Datasheet
198Kb / 10P
   High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Rev 1; 2/02
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com