Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG902BCP-REEL7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG902BCP-REEL7
Description  Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG902BCP-REEL7 Datasheet(HTML) 2 Page - Analog Devices

  ADG902BCP-REEL7 Datasheet HTML 1Page - Analog Devices ADG902BCP-REEL7 Datasheet HTML 2Page - Analog Devices ADG902BCP-REEL7 Datasheet HTML 3Page - Analog Devices ADG902BCP-REEL7 Datasheet HTML 4Page - Analog Devices ADG902BCP-REEL7 Datasheet HTML 5Page - Analog Devices ADG902BCP-REEL7 Datasheet HTML 6Page - Analog Devices ADG902BCP-REEL7 Datasheet HTML 7Page - Analog Devices ADG902BCP-REEL7 Datasheet HTML 8Page - Analog Devices ADG902BCP-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADG901/ADG902
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions..............................5
Typical Performance Characteristics ..............................................6
Terminology .......................................................................................8
Test Circuits........................................................................................9
Applications..................................................................................... 10
Absorptive vs. Reflective Switches ........................................... 10
ADG90x Evaluation Board ........................................................... 11
Outline Dimensions ....................................................................... 12
Ordering Guide............................................................................... 13
REVISION HISTORY
10/05—Rev. A to Rev. B
Changes to Figure 1..........................................................................1
Changes to Table 1............................................................................3
Changes to Ordering Guide ..........................................................12
10/04—Rev. 0 to Rev. A.
Changes to Features ......................................................................... 1
Changes to Product Highlights ...................................................... 1
Changes to Specifications ................................................................ 2
Changes to Ordering Guide ............................................................ 3
Change to ADG9xx Evaluation Board Section............................. 9
Changes to Ordering Guide .......................................................... 10
8/03—Revision 0: Initial Version


Similar Part No. - ADG902BCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG902BCP-REEL7 AD-ADG902BCP-REEL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
More results

Similar Description - ADG902BCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com