Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM208EAR-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # ADM208EAR-REEL
Description  EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM208EAR-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM208EAR-REEL Datasheet HTML 7Page - Analog Devices ADM208EAR-REEL Datasheet HTML 8Page - Analog Devices ADM208EAR-REEL Datasheet HTML 9Page - Analog Devices ADM208EAR-REEL Datasheet HTML 10Page - Analog Devices ADM208EAR-REEL Datasheet HTML 11Page - Analog Devices ADM208EAR-REEL Datasheet HTML 12Page - Analog Devices ADM208EAR-REEL Datasheet HTML 13Page - Analog Devices ADM208EAR-REEL Datasheet HTML 14Page - Analog Devices ADM208EAR-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 11 of 20
On the ADM213E, Receiver R4 and Receiver R5 remain
enabled in shutdown. Note that the transmitters are disabled
but are not tristated in shutdown; it is not permitted to connect
multiple (RS-232) driver outputs together.
The shutdown feature is very useful in battery-operated systems
since it reduces the power consumption to 1 μW. During
shutdown, the charge pump is also disabled. The shutdown
control input is active high on the ADM211E, and it is active
low on the ADM213E. When exiting shutdown, the charge
pump is restarted, and it takes approximately 100 μs for it to
reach its steady state operating condition.
HIGH BAUD RATE
The ADM2xxE feature high slew rates, permitting data
transmission rates well in excess of the EIA-232-E
specifications. RS-232 levels are maintained at data rates up to
230 kbps, even under worst-case loading conditions. This
allows for high speed data links between two terminals, making
it suitable for the new generation modem standards that require
data rates of 200 kbps. The slew rate is controlled internally to
less than 30 V/μs to minimize EMI interference.
tDR
3V
0V
EN INPUT
RECEIVER
OUTPUT
NOTES
1. EN IS THE COMPLEMENT OF EN FOR THE ADM213E.
VOH
VOL
VOH –0.1V
VOL +0.1V
Figure 22. Receiver Disable Timing
tER
3V
0V
EN INPUT
RECEIVER
OUTPUT
+3.5V
+0.8V
NOTES
1. EN IS THE COMPLEMENT OF EN FOR THE ADM213E.
Figure 23. Receiver Enable Timing
ESD/EFT TRANSIENT PROTECTION SCHEME
The ADM2xxE use protective clamping structures on all inputs
and outputs that clamp the voltage to a safe level and dissipate
the energy present in ESD (electrostatic) and EFT (electrical
fast transient) discharges. A simplified schematic of the
protection structure is shown in Figure 24 and Figure 25. Each
input and output contains two back-to-back high speed
clamping diodes. During normal operation, with maximum
RS­232 signal levels, the diodes have no effect because one or
the other is reverse biased, depending on the polarity of the
signal. If, however, the voltage exceeds about ±50 V, reverse
breakdown occurs, and the voltage is clamped at this level. The
diodes are large p-n junctions designed to handle the
instantaneous current surges that can exceed several amperes.
The transmitter outputs and receiver inputs have a similar
protection structure. The receiver inputs can also dissipate some
of the energy through the internal 5 kΩ resistor to GND as well
as through the protection diodes.
The protection structure achieves ESD protection up to
±15 kV and EFT protection up to ±2 kV on all RS-232 I/O
lines. The methods used to test the protection scheme are
discussed in the ESD Testing (IEC 1000­4­2) and EFT/Burst
Testing (IEC 1000­4­4) sections.
RIN
RX
D1
D2
R1
RECEIVER
INPUT
Figure 24. Receiver Input Protection Scheme
TOUT
RX
D1
D2
TRANSMITTER
OUTPUT
Figure 25. Transmitter Output Protection Scheme
ESD TESTING (IEC 1000-4-2)
IEC 1000-4-2 (previously IEC 801-2) specifies compliance
testing using two coupling methods, contact discharge and air-
gap discharge. Contact discharge calls for a direct connection to
the unit being tested. Air-gap discharge uses a higher test voltage
but does not make direct contact with the unit under test. With
air-gap discharge, the discharge gun is moved toward the unit
under test, developing an arc across the air gap. This method is
influenced by humidity, temperature, barometric pressure,
distance, and rate of closure of the discharge gun. The contact
discharge method, while less realistic, is more repeatable and is
gaining acceptance in preference to the air-gap method.
Although very little energy is contained within an ESD pulse,
the extremely fast rise time, coupled with high voltages, can
cause failures in unprotected semiconductors. Catastrophic


Similar Part No. - ADM208EAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM208EAR-REEL AD-ADM208EAR-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results

Similar Description - ADM208EAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com