Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM208EARS Datasheet(PDF) 20 Page - Analog Devices

Part # ADM208EARS
Description  EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM208EARS Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM208EARS Datasheet HTML 12Page - Analog Devices ADM208EARS Datasheet HTML 13Page - Analog Devices ADM208EARS Datasheet HTML 14Page - Analog Devices ADM208EARS Datasheet HTML 15Page - Analog Devices ADM208EARS Datasheet HTML 16Page - Analog Devices ADM208EARS Datasheet HTML 17Page - Analog Devices ADM208EARS Datasheet HTML 18Page - Analog Devices ADM208EARS Datasheet HTML 19Page - Analog Devices ADM208EARS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 20 of 20
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00068-0-9/06(E)
Model
Temperature Range
Package Description
Package Option
ADM213EAR
−40°C to +85°C
28-Lead SOIC_W
RW-28
ADM213EAR-REEL
−40°C to +85°C
28-Lead SOIC_W
RW-28
ADM213EARZ1
−40°C to +85°C
28-Lead SOIC_W
RW-28
ADM213EARZ-REEL1
−40°C to +85°C
28-Lead SOIC_W
RW-28
ADM213EARS
−40°C to +85°C
28-Lead SSOP
RS-28
ADM213EARS-REEL
−40°C to +85°C
28-Lead SSOP
RS-28
ADM213EARSZ1
−40°C to +85°C
28-Lead SSOP
RS-28
ADM213EARSZ-REEL1
−40°C to +85°C
28-Lead SSOP
RS-28
ADM213EARU
−40°C to +85°C
28-Lead TSSOP
RU-28
ADM213EARU-REEL
−40°C to +85°C
28-Lead TSSOP
RU-28
ADM213EARU-REEL7
−40°C to +85°C
28-Lead TSSOP
RU-28
ADM213EARUZ1
−40°C to +85°C
28-Lead TSSOP
RU-28
ADM213EARUZ-REEL1
−40°C to +85°C
28-Lead TSSOP
RU-28
ADM213EARUZ-REEL71
−40°C to +85°C
28-Lead TSSOP
RU-28
1 Z = Pb-free part.


Similar Part No. - ADM208EARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM208EARS AD-ADM208EARS Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM208EARS AD-ADM208EARS Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM208EARS-REEL AD-ADM208EARS-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM208EARSZ-REEL1 AD-ADM208EARSZ-REEL1 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM208EARSZ1 AD-ADM208EARSZ1 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results

Similar Description - ADM208EARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com