Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1485 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1485
Description  5 V Low Power EIA RS-485 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1485 Datasheet(HTML) 1 Page - Analog Devices

  ADM1485_12 Datasheet HTML 1Page - Analog Devices ADM1485_12 Datasheet HTML 2Page - Analog Devices ADM1485_12 Datasheet HTML 3Page - Analog Devices ADM1485_12 Datasheet HTML 4Page - Analog Devices ADM1485_12 Datasheet HTML 5Page - Analog Devices ADM1485_12 Datasheet HTML 6Page - Analog Devices ADM1485_12 Datasheet HTML 7Page - Analog Devices ADM1485_12 Datasheet HTML 8Page - Analog Devices ADM1485_12 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV.
a
ADM1485
5 V Low Power
EIA RS-485 Transceiver
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
©
Analog Devices, Inc. All rights reserved.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FUNCTIONAL BLOCK DIAGRAM
8-Lead
ADM1485
R
D
RO
RE
DI
VCC
B
A
GND
DE
FEATURES
Meets EIA RS-485 Standard
30 Mbps Data Rate
Single 5 V Supply
–7 V to +12 V Bus Common-Mode Range
High Speed, Low Power BiCMOS
Thermal Shutdown Protection
Short-Circuit Protection
Driver Propagation Delay: 10 ns
Receiver Propagation Delay: 15 ns
High-Z Outputs with Power Off
Superior Upgrade for LTC1485
APPLICATIONS
Low Power RS-485 Systems
DTE-DCE Interface
Packet Switching
Local Area Networks
Data Concentration
Data Multiplexers
Integrated Services Digital Network (ISDN)
GENERAL DESCRIPTION
The ADM1485 is a differential line transceiver suitable for high
speed bidirectional data communication on multipoint bus trans-
mission lines. It is designed for balanced data transmission and
complies with both RS-485 and RS-422 EIA Standards. The part
contains a differential line driver and a differential line receiver.
Both the driver and the receiver may be enabled independently.
When disabled, the outputs are three-stated.
The ADM1485 operates from a single 5 V power supply. Excessive
power dissipation caused by bus contention or by output shorting
is prevented by a thermal shutdown circuit. This feature forces
the driver output into a high impedance state if, during fault condi-
tions, a significant temperature increase is detected in the internal
driver circuitry.
Up to 32 transceivers may be connected simultaneously on a bus,
but only one driver should be enabled at any time. It is important,
therefore, that the remaining disabled drivers do not load the bus.
To ensure this, the ADM1485 driver features high output
impedance when disabled and also when powered down.
This minimizes the loading effect when the transceiver is not being
used. The high impedance driver output is maintained over the
entire common-mode voltage range from –7 V to +12 V.
The receiver contains a fail-safe feature that results in a logic
high output state if the inputs are unconnected (floating).
The ADM1485 is fabricated on BiCMOS, an advanced mixed
technology process combining low power CMOS with fast
switching bipolar technology. All inputs and outputs contain
protection against ESD; all driver outputs feature high source
and sink current capability. An epitaxial layer is used to guard
against latch-up.
The part is fully specified over the commercial and industrial
temperature range and is available in PDIP, SOIC, and small
MSOP packages.
2012
781/461-3113
The ADM1485 features extremely fast switching speeds. Minimal
driver propagation delays permit transmission at typical data rates
of 30 Mbps while low skew minimizes EMI interference.


Similar Part No. - ADM1485_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
More results

Similar Description - ADM1485_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM485 AD-ADM485_V01 Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1485 AD-ADM1485_V01 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_15 Datasheet
607Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com