Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3101EARQZ-REEL1 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3101EARQZ-REEL1
Description  짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3101EARQZ-REEL1 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3101EARQZ-REEL1 Datasheet HTML 4Page - Analog Devices ADM3101EARQZ-REEL1 Datasheet HTML 5Page - Analog Devices ADM3101EARQZ-REEL1 Datasheet HTML 6Page - Analog Devices ADM3101EARQZ-REEL1 Datasheet HTML 7Page - Analog Devices ADM3101EARQZ-REEL1 Datasheet HTML 8Page - Analog Devices ADM3101EARQZ-REEL1 Datasheet HTML 9Page - Analog Devices ADM3101EARQZ-REEL1 Datasheet HTML 10Page - Analog Devices ADM3101EARQZ-REEL1 Datasheet HTML 11Page - Analog Devices ADM3101EARQZ-REEL1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM3101E
Rev. C | Page 8 of 12
THEORY OF OPERATION
The ADM3101E is a single-channel RS-232 line driver/receiver.
Step-up voltage converters, coupled with level shifting trans-
mitters and receivers, allow RS-232 levels to be developed while
operating from a single 3.3 V supply.
CMOS technology is used to keep the power dissipation to
an absolute minimum, allowing maximum battery life in
portable applications.
CIRCUIT DESCRIPTION
The internal circuitry consists of the following main sections:
A charge pump voltage converter
A 3.3 V logic to an EIA/TIA-232E transmitter
An EIA/TIA-232E to a 3.3 V logic receiver
ADM3101E
GND
+3.3V INPUT
+
+
+
C1
0.1µF
16V
C2
0.1µF
16V
T
R
+3.3V TO +6.6V
VOLTAGE DOUBLER
+6.6V TO –6.6V
VOLTAGE INVERTER
C1+
C1–
C2+
C2–
TIN
ROUT
CMOS
INPUT
CMOS
OUTPUT
RIN
VCC
V+
V–
TOUT
C5
0.1µF
C3
0.1µF
6.3V
C4
0.1µF
16V
EIA/TIA-232E
OUTPUT
EIA/TIA-232E
INPUT*
*INTERNAL 5kΩ PULL-DOWN
RESISTOR ON THE RS-232 INPUT.
Figure 12. Typical Operating Circuit
Charge Pump Voltage Converter
The charge pump voltage converter consists of a 200 kHz oscil-
lator and a switching matrix. The converter generates a ±6.6 V
supply (when unloaded) from the 3.3 V input level. This is achieved
in two stages by using a switched capacitor technique, as illustrated
in Figure 13 and Figure 14. First, the 3.3 V input supply is doubled
to +6.6 V by using C1 as the charge storage element. The +6.6 V
level is then inverted to generate −6.6 V using C2 as the storage
element. C3 is shown connected between V+ and VCC but is
equally effective if connected between V+ and GND.
The C3 and C4 capacitors are used to reduce the output ripple.
The values are not critical and can be increased, if desired. Larger
capacitors (up to 10 μF) can also be used in place of the C1, C2,
C3, and C4 capacitors.
GND
C3
C1
S1
S2
S3
S4
V+ = 2VCC
+
+
INTERNAL
OSCILLATOR
VCC
VCC
Figure 13. Charge Pump Voltage Doubler
GND
C4
C2
S1
S2
S3
S4
GND
+
+
INTERNAL
OSCILLATOR
V+
V– = –(V+)
FROM
VOLTAGE
DOUBLER
Figure 14. Charge Pump Voltage Inverter
3.3 V Logic to EIA/TIA-232E Transmitter
The transmitter driver converts the 3.3 V logic input levels
into RS-232 output levels. When driving an RS-232 load with
VCC = 3.3 V, the output voltage swing is typically ±6 V. Internally,
the TIN pin has a weak pull-up that allows it to be driven by an
open-drain output, but the maximum operating data rate is
reduced when the TIN pin is driven by an open-drain pin.
EIA/TIA-232E to 3.3 V Logic Receiver
The receiver is an inverting level shifter that accepts the RS-232
input level and translates it into a 3.3 V logic output level. The
input has an internal 5 kΩ pull-down resistor to ground and is
protected against overvoltages of up to ±30 V. An unconnected
input is pulled to 0 V by the internal 5 kΩ pull-down resistor,
which, therefore, results in a Logic 1 output level for an uncon-
nected input or for an input connected to GND.
The receiver has a Schmitt trigger input with a hysteresis level
of 0.4 V, which ensures error-free reception for both a noisy
input and for an input with slow transition times.
CMOS Input Voltage Thresholds
The CMOS input and output pins (TIN and ROUT) of the
ADM3101E are designed to interface with 1.8 V logic
thresholds when VCC = 3.3 V.
The CMOS input and output pins (TIN and ROUT) of the
ADM3101E are also designed to interface with TTL/CMOS
logic thresholds when VCC = 5 V.
ESD Protection on RS-232 and CMOS I/O Pins
All RS-232 (TOUT and RIN) and CMOS (TIN and ROUT) inputs
and outputs are protected against electrostatic discharges (up
to ±15 kV).
HIGH BAUD RATE
The ADM3101E features high slew rates, permitting data trans-
mission at rates well in excess of the EIA/RS-232 specifications.
The RS-232 voltage levels are maintained at data rates of up to
460 kbps, even under worst-case loading conditions, when TIN is
driven by a push-pull output. The slew rate is internally controlled
to less than 30 V/μs to minimize EMI interference.


Similar Part No. - ADM3101EARQZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3101EARQZ-REEL AD-ADM3101EARQZ-REEL Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
More results

Similar Description - ADM3101EARQZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3101E AD-ADM3101E_V01 Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com