Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6306D131ARJZ1R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM6306D131ARJZ1R7
Description  Multiple Input Programmable Supervisory ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306D131ARJZ1R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM6306D131ARJZ1R7 Datasheet HTML 4Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 5Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 6Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 7Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 8Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 9Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 10Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 11Page - Analog Devices ADM6306D131ARJZ1R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM6305/ADM6306
Data Sheet
Rev. A | Page 10 of 12
Figure 16. ADM6305 Ordering Code Structure
Figure 17. ADM6306 Ordering Code Structure
Table 9. Standard Models
Model
Monitored Input Threshold
Minimum Reset Timeout
RST IN1
RST IN2
VCC Reset
RST IN
ADM6305D3ARJZ-RL7
1.23 V
1.23 V
N/A
N/A
140 ms
ADM6305D3ARJZ1-RL7
0.4 V
0.4 V
N/A
N/A
140 ms
ADM6306D131ARJZ-R7
N/A
N/A
3.08 V
1.23 V
1 ms
ADM6306D131ARJZ1R7
N/A
N/A
3.08 V
0.4 V
1 ms
ADM6306D329ARJZ-R7
N/A
N/A
2.93 V
1.23 V
140 ms
ADM6306D330ARJZ-R7
N/A
N/A
3 V
1.23 V
140 ms
ADM6306D331ARJZ-R7
N/A
N/A
3.08 V
1.23 V
140 ms
ADM6306D344ARJZ-R7
N/A
N/A
4.38V
1.23 V
140 ms
ADM6306D346ARJZ-R7
N/A
N/A
4.63 V
1.23 V
140 ms
ADM6305D_ARJZ_-RL7
RESET TIMEOUT PERIOD CODE (1 TO 4)
TEMPERATURE RANGE
A: –40°C TO +125°C
PACKAGE DESIGNATOR
RJ = SOT-23
Z = LEAD-FREE
PACKING MATERIAL
RL7 = 7” TAPE & REEL
(3000 PIECE QUANTITY)
RST IN1 & RST IN2 ADJUSTABLE THRESHOLD
1:0.4V & 0.4V
BLANK: 1.23V & 1.23V
ADM6306D_ _ _ARJZ_R7
RESET TIMEOUT (1 TO 4)
RESET THRESHOLD NUMBER
(SEE TABLE 6)
TEMPERATURE RANGE
A: –40°C TO +125°C
PACKAGE DESIGNATOR
RJ = SOT-23
Z = LEAD-FREE
PACKING MATERIAL
R7 = 7” TAPE & REEL
(3000 PIECE QUANTITY)
RST IN ADJUSTABLE THRESHOLD
1:0.4V
DASH: 1.23V


Similar Part No. - ADM6306D131ARJZ1R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6306D131ARJZ1R7 AD-ADM6306D131ARJZ1R7 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
More results

Similar Description - ADM6306D131ARJZ1R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com