Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM4855ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM4855ARZ
Description  5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4855ARZ Datasheet(HTML) 3 Page - Analog Devices

  ADM4855ARZ Datasheet HTML 1Page - Analog Devices ADM4855ARZ Datasheet HTML 2Page - Analog Devices ADM4855ARZ Datasheet HTML 3Page - Analog Devices ADM4855ARZ Datasheet HTML 4Page - Analog Devices ADM4855ARZ Datasheet HTML 5Page - Analog Devices ADM4855ARZ Datasheet HTML 6Page - Analog Devices ADM4855ARZ Datasheet HTML 7Page - Analog Devices ADM4855ARZ Datasheet HTML 8Page - Analog Devices ADM4855ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM4850/ADM4851/ADM4852/ADM4853/ADM4854/ADM4855/ADM4856/ADM4857
Rev. D | Page 3 of 16
SPECIFICATIONS
VCC = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Output Voltage, VOD
VCC
V
R = ∞, see Figure 181
2.0
5
V
R = 50 Ω (RS-422), see Figure 18
1.5
5
V
R = 27 Ω (RS-485), see Figure 18
|VOD3|
1.5
5
V
VTST = −7 V to 12 V, see Figure 19
∆|VOD| for Complementary Output States
0.2
V
R = 27 Ω or 50 Ω, see Figure 18
Common-Mode Output Voltage, VOC
3
V
R = 27 Ω or 50 Ω, see Figure 18
∆|VOC| for Complementary Output States
0.2
V
R = 27 Ω or 50 Ω, see Figure 18
Output Short-Circuit Current, VOUT = High
−200
+200
mA
−7 V < VOUT < +12 V
Output Short-Circuit Current, VOUT = Low
−200
+200
mA
−7 V < VOUT < +12 V
DRIVER INPUT LOGIC
CMOS Input Logic Threshold Low
0.8
V
CMOS Input Logic Threshold High
2.0
V
CMOS Logic Input Current (DI)
±1
μA
DE Input Resistance to GND
220
RECEIVER
Differential Input Threshold Voltage, VTH
−200
−125
−30
mV
−7 V < VOC < +12 V
Input Hysteresis
20
mV
−7 V < VOC < +12 V
Input Resistance (A, B)
96
150
−7 V < VOC < +12 V
Input Current (A, B)
0.125
mA
VIN = +12 V
−0.1
mA
VIN = −7 V
CMOS Logic Input Current (RE)
±1
μA
CMOS Output Voltage Low
0.4
V
IOUT = +4 mA
CMOS Output Voltage High
4.0
V
IOUT = −4 mA
Output Short-Circuit Current
7
85
mA
VOUT = GND or VCC
Three-State Output Leakage Current
±2
μA
0.4 V ≤ VOUT ≤ 2.4 V
POWER SUPPLY CURRENT
115 kbps Options (ADM4850/ADM4854)
5
μA
DE = 0 V, RE = VCC (shutdown)
36
60
μA
DE = 0 V, RE = 0 V
100
160
μA
DE = VCC
500 kbps Options (ADM4851/ADM4855)
5
μA
DE = 0 V, RE = VCC (shutdown)
80
120
μA
DE = 0 V, RE = 0 V
120
200
μA
DE = VCC
2.5 Mbps Options (ADM4852/ADM4856)
5
μA
DE = 0 V, RE = VCC (shutdown)
250
400
μA
DE = 0 V, RE = 0 V
320
500
μA
DE = VCC
10 Mbps Options (ADM4853/ADM4857)
5
μA
DE = 0 V, RE = VCC (shutdown)
250
400
μA
DE = 0 V, RE = 0 V
320
500
μA
DE = VCC
1 Guaranteed by design.


Similar Part No. - ADM4855ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4855ARZ AD-ADM4855ARZ Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
More results

Similar Description - ADM4855ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4852 AD-ADM4852_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4854 AD-ADM4854_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4857 AD-ADM4857_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com