Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR420BRZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADR420BRZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR420BRZ Datasheet(HTML) 2 Page - Analog Devices

  ADR420BRZ Datasheet HTML 1Page - Analog Devices ADR420BRZ Datasheet HTML 2Page - Analog Devices ADR420BRZ Datasheet HTML 3Page - Analog Devices ADR420BRZ Datasheet HTML 4Page - Analog Devices ADR420BRZ Datasheet HTML 5Page - Analog Devices ADR420BRZ Datasheet HTML 6Page - Analog Devices ADR420BRZ Datasheet HTML 7Page - Analog Devices ADR420BRZ Datasheet HTML 8Page - Analog Devices ADR420BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configuration............................................................................. 1
 
General Description ......................................................................... 1
 
ADR42x Products............................................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
ADR420 Electrical Specifications............................................... 3
 
ADR421 Electrical Specifications............................................... 4
 
ADR423 Electrical Specifications............................................... 5
 
ADR425 Electrical Specifications............................................... 6
 
Absolute Maximum Ratings............................................................ 7
 
Thermal Resistance ...................................................................... 7
 
ESD Caution.................................................................................. 7
 
Pin Configurations and Function Descriptions ........................... 8
 
Typical Performance Characteristics ............................................. 9
 
Terminology .................................................................................... 15
 
Theory of Operation ...................................................................... 16
 
Device Power Dissipation Considerations.............................. 16
 
Basic Voltage Reference Connections ..................................... 16
 
Noise Performance ..................................................................... 16
 
Turn-On Time ............................................................................ 16
 
Applications..................................................................................... 17
 
Output Adjustment .................................................................... 17
 
Reference for Converters in Optical Network Control
Circuits......................................................................................... 17
 
High Voltage Floating Current Source .................................... 17
 
Kelvin Connections.................................................................... 18
 
Dual-Polarity References........................................................... 18
 
Programmable Current Source ................................................ 19
 
Programmable DAC Reference Voltage .................................. 19
 
Precision Voltage Reference for Data Converters.................. 20
 
Precision Boosted Output Regulator ....................................... 20
 
Outline Dimensions ....................................................................... 21
 
Ordering Guide .......................................................................... 22
 
REVISION HISTORY
5/11—Rev. H to Rev. I
Added Endnote 1 in Table 2............................................................ 4
Added Endnote 1 in Table 3............................................................ 5
Added Endnote 1 in Table 4............................................................ 6
Added Endnote 1 in Table 5............................................................ 7
Deleted A Negative Precision Reference Without Precision
Resistors Section ............................................................................. 17
Deleted Figure 42; Renumbered Sequentially ............................ 17
Updated Outline Dimensions ....................................................... 21
Changes to Ordering Guide .......................................................... 22
6/07—Rev. G to Rev. H
Changes to Table 2............................................................................ 3
Changes to Table 3............................................................................ 4
Changes to Table 4............................................................................ 5
Changes to Table 5............................................................................ 6
Updated Outline Dimensions ....................................................... 21
Changes to Ordering Guide .......................................................... 22
6/05—Rev. F to Rev. G
Changes to Table 1............................................................................ 1
Changes to Ordering Guide .......................................................... 22
2/05—Rev. E to Rev. F
Updated Format..................................................................Universal
Updated Outline Dimensions ....................................................... 21
Changes to Ordering Guide .......................................................... 22
7/04—Rev. D to Rev. E
Changes to Ordering Guide .............................................................5
3/04—Rev. C to Rev. D
Changes to Table I .............................................................................1
Changes to Ordering Guide .............................................................4
Updated Outline Dimensions....................................................... 16
1/03—Rev. B to Rev. C
Changed Mini_SOIC to MSOP ........................................Universal
Changes to Ordering Guide .............................................................4
Corrections to Y-axis labels in TPCs 21 and 24 ............................9
Enhancement to Figure 13 ............................................................ 15
Updated Outline Dimensions....................................................... 16
3/02—Rev. A to Rev. B
Edits to Ordering Guide ...................................................................4
Deletion of Precision Voltage Regulator section........................ 15
Addition of Precision Boosted Output Regulator section ....... 15
Addition of Figure 13..................................................................... 15
10/01—Rev. 0 to Rev. A
Addition of ADR423 and ADR425 to
ADR420/ADR421...............................................................Universal
5/01—Revision 0: Initial Version


Similar Part No. - ADR420BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR420BR AD-ADR420BR Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420BR-REEL7 AD-ADR420BR-REEL7 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
More results

Similar Description - ADR420BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com