Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDZ2553N Datasheet(HTML) 1 Page - Fairchild Semiconductor

Part No. FDZ2553N
Description  Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FDZ2553N Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
February 2003
©2003 Fairchild Semiconductor Corporation
FDZ2553N Rev D2 (W)
FDZ2553N
Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
General Description
Combining
Fairchild’s
advanced
2.5V
specified
PowerTrench process with state-of-the-art BGA
packaging, the FDZ2553N minimizes both PCB space
and RDS(ON). This Monolithic Common Drain BGA
MOSFET embodies a breakthrough in packaging
technology which enables the device to combine
excellent thermal transfer characteristics, high current
handling capability, ultra-low profile packaging, low gate
charge, and low RDS(ON).
Applications
• Battery management
• Load switch
• Battery protection
Features
• 9.6 A, 20 V.
RDS(ON) = 14 mΩ @ VGS = 4.5 V
RDS(ON) = 20 mΩ @ VGS = 2.5 V
• Occupies only 0.10 cm2 of PCB area:
1/3 the area of SO-8.
• Ultra-thin package: less than 0.80 mm height when
mounted to PCB.
• Outstanding thermal transfer characteristics:
significantly better than SO-8.
• Ultra-low Qg x RDS(ON) figure-of-merit
• High power and current handling capability
Q2
Q1
Pin 1
G
S
D
D
S
S
S
D
S
S
S
S
G
S
S
D
D
D
Bottom
Pin 1
Top
Q2
Q1
S
S
G
G
D
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current – Continuous
(Note 1a)
9.6
A
– Pulsed
20
PD
Power Dissipation (Steady State)
(Note 1a)
2.1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
60
°C/W
RθJB
Thermal Resistance, Junction-to-Ball
(Note 1)
6.3
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
0.6
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
2553N
FDZ2553N
7’’
12mm
3000 units


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn