Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7411ARQZ-REEL1 Datasheet(PDF) 9 Page - Analog Devices

Part # ADT7411ARQZ-REEL1
Description  SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7411ARQZ-REEL1 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADT7411ARQZ-REEL1 Datasheet HTML 5Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 6Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 7Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 8Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 9Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 10Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 11Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 12Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADT7411
Rev. B | Page 9 of 36
TERMINOLOGY
Relative Accuracy
Relative accuracy or integral nonlinearity (INL) is a measure of
the maximum deviation, in LSBs, from a straight line passing
through the endpoints of the ADC transfer function. A typical
INL vs. code plot can be seen in Figure 10.
Total Unadjusted Error (TUE)
Total unadjusted error is a comprehensive specification that
includes the sum of the relative accuracy error, gain error, and
offset error under a specified set of conditions.
Offset Error
This is a measure of the offset error of the ADC. It can be
negative or positive. It is expressed in mV.
Gain Error
This is a measure of the span error of the ADC. It is the
deviation in slope of the actual ADC transfer characteristic
from the ideal expressed as a percentage of the full-scale range.
Offset Error Drift
This is a measure of the change in offset error with changes in
temperature. It is expressed in ppm of full-scale range/°C.
Gain Error Drift
This is a measure of the change in gain error with changes in
temperature. It is expressed in ppm of full-scale range/°C.
Long-Term Temperature Drift
This is a measure of the change in temperature error with the
passage of time. It is expressed in degrees Celsius. The concept
of long-term stability has been used for many years to describe
by what amount an IC’s parameter would shift during its
lifetime. This is a concept that has been typically applied to both
voltage references and monolithic temperature sensors.
Unfortunately, ICs cannot be evaluated at room temperature
(25°C) for 10 years or so to determine this shift. As a result,
manufacturers typically perform accelerated lifetime testing of
ICs by operating ICs at elevated temperatures (between 125°C
and 150°C) over a shorter period (typically between 500 hours
and 1,000 hours). Because of this operation, the lifetime of an
IC is significantly accelerated due to the increase in rates of
reaction within the semiconductor material.
DC Power Supply Rejection Ratio (PSRR)
The power supply rejection ratio (PSRR) is defined as the ratio
of the power in the ADC output at full-scale frequency f to the
power of a 100 mV sine wave applied to the VDD supply of
frequency fs.
PSRR (dB) = 10 log(Pf/Pfs)
where:
Pf is the power at frequency f in ADC output.
Pfs is the power at frequency fs coupled into the VDD supply.
Round Robin
This term describes the ADT7411 cycling through the available
measurement channels in sequence, taking a measurement on
each channel.


Similar Part No. - ADT7411ARQZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411ARQZ-REEL AD-ADT7411ARQZ-REEL Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411ARQZ-REEL7 AD-ADT7411ARQZ-REEL7 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
More results

Similar Description - ADT7411ARQZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
AD7416 AD-AD7416 Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
logo
SONiX Technology Compan...
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com