Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL335 Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL335
Description  Small, Low Power, 3-Axis 짹3 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL335 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL335_10 Datasheet HTML 2Page - Analog Devices ADXL335_10 Datasheet HTML 3Page - Analog Devices ADXL335_10 Datasheet HTML 4Page - Analog Devices ADXL335_10 Datasheet HTML 5Page - Analog Devices ADXL335_10 Datasheet HTML 6Page - Analog Devices ADXL335_10 Datasheet HTML 7Page - Analog Devices ADXL335_10 Datasheet HTML 8Page - Analog Devices ADXL335_10 Datasheet HTML 9Page - Analog Devices ADXL335_10 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADXL335
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
50
0
10
20
30
40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
Figure 3. X-Axis Zero g Bias at 25°C, VS = 3 V
50
0
10
20
30
40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
Figure 4. Y-Axis Zero g Bias at 25°C, VS = 3 V
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
OUTPUT (V)
0
5
10
15
20
25
Figure 5. Z-Axis Zero g Bias at 25°C, VS = 3 V
VOLTS (V)
0
10
20
30
40
–0.40
–0.38
–0.36
–0.34
–0.32
–0.30
–0.28
–0.26
Figure 6. X-Axis Self-Test Response at 25°C, VS = 3 V
VOLTS (V)
0
10
20
30
50
40
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
Figure 7. Y-Axis Self-Test Response at 25°C, VS = 3 V
VOLTS (V)
0
10
20
30
40
0.48
0.50
0.52
0.54
0.56
0.58
0.60
0.62
Figure 8. Z-Axis Self-Test Response at 25°C, VS = 3 V


Similar Part No. - ADXL335_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL335BCPZ AD-ADXL335BCPZ Datasheet
430Kb / 16P
   Small, Low Power, Accelerometer
REV. B
ADXL335BCPZ-RL AD-ADXL335BCPZ-RL Datasheet
430Kb / 16P
   Small, Low Power, Accelerometer
REV. B
ADXL335BCPZ-RL7 AD-ADXL335BCPZ-RL7 Datasheet
430Kb / 16P
   Small, Low Power, Accelerometer
REV. B
More results

Similar Description - ADXL335_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL337BCPZ-RL AD-ADXL337BCPZ-RL Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL330 AD-ADXL330_07 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL337 AD-ADXL337 Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com