Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuC847BSZ8-5 Datasheet(PDF) 8 Page - Analog Devices

Part # ADuC847BSZ8-5
Description  MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC847BSZ8-5 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuC847BSZ8-5 Datasheet HTML 4Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 5Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 6Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 7Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 8Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 9Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 10Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 11Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
ADuC845/ADuC847/ADuC848
Data Sheet
Rev. C | Page 8 of 108
Parameter
Min
Typ
Max
Unit
Conditions
LOGIC OUTPUTS
(All Digital Outputs except XTAL2)
VOH, Output High Voltage2
2.4
V
DVDD = 5 V, ISOURCE = 80 µA
2.4
V
DVDD = 3 V, ISOURCE = 20 µA
VOL, Output Low Voltage
0.4
V
ISINK = 8 mA, SCLOCK, SDATA
0.4
V
ISINK = 1.6 mA on P0, P1, P2
Floating State Leakage Current2
±10
µA
Floating State Output Capacitance
10
pF
START-UP TIME
At Power-On
600
ms
After Ext RESET in Normal Mode
3
ms
After WDT RESET in Normal Mode
2
ms
Controlled via WDCON SFR
From Power-Down Mode
Oscillator Running
PLLCON.7 = 0
Wake-Up with INT0 Interrupt
20
µs
Wake-Up with SPI Interrupt
20
µs
Wake-Up with TIC Interrupt
20
µs
Oscillator Powered Down
PLLCON.7 = 1
Wake-Up with INT0 Interrupt
30
µs
Wake-Up with SPI Interrupt
30
µs
FLASH/EE MEMORY RELIABILITY
CHARACTERISTICS
Endurance9
100,000
Cycles
Data Retention10
100
Years
POWER REQUIREMENTS
Power Supply Voltages
AVDD 3 V Nominal
2.7
3.6
V
AVDD 5 V Nominal
4.75
5.25
V
DVDD 3 V Nominal
2.7
3.6
V
DVDD 5 V Nominal
4.75
5.25
V
5 V Power Consumption
4.75 V < DVDD < 5.25 V, AVDD = 5.25 V
Normal Mode11, 12
DVDD Current
10
mA
Core clock = 1.57 MHz
25
31
mA
Core clock = 12.58 MHz
AVDD Current
180
µA
Power-Down Mode11, 12
DVDD Current
40
53
µA
TMAX = 85°C; OSC on; TIC on
50
µA
TMAX = 125°C; OSC on; TIC on
20
33
µA
TMAX = 85°C; OSC off
30
µA
TMAX = 125°C; OSC off
AVDD Current
1
µA
TMAX = 85°C; OSC on or off
3
µA
TMAX = 125°C; OSC on or off
Typical Additional Peripheral
Currents (AIDD and DIDD)
5 V VDD, CD = 3
Primary ADC
1
mA
Auxiliary ADC (ADuC845 Only)
0.5
mA
Power Supply Monitor
30
µA
DAC
60
µA
DACH/L = 000H
Dual Excitation Current Sources
200
µA
200 µA each. Can be combined to give 400 µA on
a single output.
ALE Off
−20
µA
PCON.4 = 1 (see Table 6)
WDT
10
µA
Footnotes at end of table.


Similar Part No. - ADuC847BSZ8-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC847BSZ8-5 AD-ADUC847BSZ8-5 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
More results

Similar Description - ADuC847BSZ8-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845 AD-ADUC845_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC847 AD-ADUC847_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC848 AD-ADUC848_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC843BSZ62-5 AD-ADUC843BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-5 AD-ADUC841BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-3 AD-ADUC841BSZ62-3 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com