Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuC7029BBCZ62I Datasheet(PDF) 4 Page - Analog Devices

Part # ADuC7029BBCZ62I
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7029BBCZ62I Datasheet(HTML) 4 Page - Analog Devices

  ADuC7029BBCZ62I Datasheet HTML 1Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 2Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 3Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 4Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 5Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 6Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 7Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 8Page - Analog Devices ADuC7029BBCZ62I Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
ADuC7019/20/21/22/24/25/26/27/28/29
Data Sheet
Rev. F | Page 4 of 104
GENERAL DESCRIPTION
The ADuC7019/20/21/22/24/25/26/27/28/29 are fully integrated,
1 MSPS, 12-bit data acquisition systems incorporating high
performance multichannel ADCs, 16-bit/32-bit MCUs, and
Flash®/EE memory on a single chip.
The ADC consists of up to 12 single-ended inputs. An additional
four inputs are available but are multiplexed with the four DAC
output pins. The four DAC outputs are available only on certain
models (ADuC7020, ADuC7026, ADuC7028, and ADuC7029).
However, in many cases where the DAC outputs are not present,
these pins can still be used as additional ADC inputs, giving a
maximum of 16 ADC input channels. The ADC can operate in
single-ended or differential input mode. The ADC input voltage
is 0 V to VREF. A low drift band gap reference, temperature sensor,
and voltage comparator complete the ADC peripheral set.
Depending on the part model, up to four buffered voltage
output DACs are available on-chip. The DAC output range is
programmable to one of three voltage ranges.
The devices operate from an on-chip oscillator and a PLL
generating an internal high frequency clock of 41.78 MHz
(UCLK). This clock is routed through a programmable clock
divider from which the MCU core clock operating frequency
is generated. The microcontroller core is an ARM7TDMI®,
16-bit/32-bit RISC machine, which offers up to 41 MIPS peak
performance. Eight kilobytes of SRAM and 62 kilobytes of
nonvolatile Flash/EE memory are provided on-chip. The
ARM7TDMI core views all memory and registers as a single
linear array.
On-chip factory firmware supports in-circuit serial download
via the UART or I2C serial interface port; nonintrusive emulation
is also supported via the JTAG interface. These features are
incorporated into a low cost QuickStart™ development system
supporting this MicroConverter® family.
The parts operate from 2.7 V to 3.6 V and are specified over an
industrial temperature range of −40°C to +125°C. When
operating at 41.78 MHz, the power dissipation is typically
120 mW. The ADuC7019/20/21/22/24/25/26/27/28/29 are
available in a variety of memory models and packages (see
Ordering Guide).
1MSPS
12-BIT ADC
DAC0
12-BIT
DAC
DAC1
DAC2
DAC3
3-PHASE
PWM
(SEE NOTE 1)
ADuC7020
XCLKI
XCLKO
RST
VREF
MUX
TEMP
SENSOR
BAND GAP
REF
OSC
AND PLL
PSM
POR
CMP0
CMP1
CMPOUT
PLA
4 GENERAL-
PURPOSE TIMERS
2k × 32 SRAM
31k × 16 FLASH/EEPROM
SERIAL I/O
UART, SPI, I2C
GPIO
JTAG
ARM7TDMI-BASED MCU WITH
ADDITIONAL PERIPHERALS
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
NOTES
1. SEE APPLICATION NOTE AN-798.
ADC0 TO ADC4,
ADC12 TO ADC15
Figure 2.


Similar Part No. - ADuC7029BBCZ62I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results

Similar Description - ADuC7029BBCZ62I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com