Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP37GRTZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # TMP37GRTZ-REEL7
Description  Low Voltage Temperature Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP37GRTZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button TMP37GRTZ-REEL7 Datasheet HTML 4Page - Analog Devices TMP37GRTZ-REEL7 Datasheet HTML 5Page - Analog Devices TMP37GRTZ-REEL7 Datasheet HTML 6Page - Analog Devices TMP37GRTZ-REEL7 Datasheet HTML 7Page - Analog Devices TMP37GRTZ-REEL7 Datasheet HTML 8Page - Analog Devices TMP37GRTZ-REEL7 Datasheet HTML 9Page - Analog Devices TMP37GRTZ-REEL7 Datasheet HTML 10Page - Analog Devices TMP37GRTZ-REEL7 Datasheet HTML 11Page - Analog Devices TMP37GRTZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 8 of 20
FUNCTIONAL DESCRIPTION
An equivalent circuit for the TMP3x family of micropower,
centigrade temperature sensors is shown in Figure 22. The core
of the temperature sensor is a band gap core that comprises
transistors Q1 and Q2, biased by Q3 to approximately 8 μA. The
band gap core operates both Q1 and Q2 at the same collector
current level; however, because the emitter area of Q1 is 10
times that of Q2, the VBE of Q1 and the VBE of Q2 are not equal
by the following relationship:
×
=
Δ
E,Q2
E,Q1
T
BE
A
A
V
V
ln
Resistors R1 and R2 are used to scale this result to produce
the output voltage transfer characteristic of each temperature
sensor and, simultaneously, R2 and R3 are used to scale the VBE of
Q1 as an offset term in VOUT. Table 4 summarizes the differences
in the output characteristics of the three temperature sensors.
The output voltage of the temperature sensor is available at the
emitter of Q4, which buffers the band gap core and provides
load current drive. The current gain of Q4, working with the
available base current drive from the previous stage, sets the
short-circuit current limit of these devices to 250 μA.
SHUTDOWN
VOUT
+VS
3X
25µA
2X
Q2
1X
R1
R2
R3
7.5µA
Q3
2X
GND
Q4
Q1
10X
6X
Figure 22. Temperature Sensor Simplified Equivalent Circuit
Table 4. TMP3x Output Characteristics
Sensor
Offset
Voltage (V)
Output Voltage
Scaling (mV/°C)
Output Voltage
@ 25°C (mV)
TMP35
0
10
250
TMP36
0.5
10
750
TMP37
0
20
500


Similar Part No. - TMP37GRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP37GRT AD-TMP37GRT Datasheet
476Kb / 16P
   Low Voltage Temperature Sensors
REV. C
More results

Similar Description - TMP37GRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP37 AD-TMP37_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35 Datasheet
476Kb / 16P
   Low Voltage Temperature Sensors
REV. C
TMP36 AD-TMP36_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
logo
Maxim Integrated Produc...
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
MAX6676 MAXIM-MAX6676 Datasheet
162Kb / 7P
   Low-Voltage, 1.8kHz PWM Output Temperature Sensors
Rev 1; 1/03
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Honeywell Solid State E...
HIH-5030 HONEYWELL-HIH-5030 Datasheet
190Kb / 8P
   LOW VOLTAGE HUMIDITY SENSORS
logo
All Sensors Corporation
DS-0274 ASC-DS-0274 Datasheet
1Mb / 16P
   Low Voltage Pressure Sensors
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com