Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44501 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44501
Description  QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44501 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44501 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44501 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44501 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector
Type
QMA Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE44501
URL: http://www.pasternack.com/qma-male-standard-rg174-rg316-rg188-connector-pe44501-p.aspx
QMA Male Connector Crimp/Solder Attachment
For RG174, RG316, RG188
PE44501
PE44501 REV


Similar Part No. - PE44501

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4450 PASTERNACK-PE4450 Datasheet
115Kb / 1P
   TNC MALE RIGHT ANGLE GRIMP ATTACHMENT FOR RG55 RG142 RG223& RG400
PE4450 PASTERNACK-PE4450 Datasheet
377Kb / 3P
   TNC Male Right Angle Connector Crimp/Solder Attachment
PE44500 PASTERNACK-PE44500 Datasheet
279Kb / 3P
   QMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .268 inch D Hole
PE44502 PASTERNACK-PE44502 Datasheet
256Kb / 3P
   QMA Male Connector Crimp/Solder Attachment For RG316-DS
PE44503 PASTERNACK-PE44503 Datasheet
250Kb / 2P
   QMA Male Connector Crimp/Solder Attachment For RG58, RG141
More results

Similar Description - PE44501

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44504 PASTERNACK-PE44504 Datasheet
260Kb / 2P
   QMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE45284 PASTERNACK-PE45284 Datasheet
381Kb / 3P
   QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188
PE4043 PASTERNACK-PE4043 Datasheet
325Kb / 3P
   BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
   SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE44379 PASTERNACK-PE44379 Datasheet
265Kb / 3P
   SSMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4933 PASTERNACK-PE4933 Datasheet
305Kb / 3P
   MHV Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4429 PASTERNACK-PE4429 Datasheet
317Kb / 2P
   N Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44351 PASTERNACK-PE44351 Datasheet
228Kb / 3P
   10-32 Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4720 PASTERNACK-PE4720 Datasheet
274Kb / 2P
   RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44184 PASTERNACK-PE44184 Datasheet
221Kb / 3P
   RT SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com