Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4641H050T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4641H050T1G
Description  150 mA, Wide Input Range, Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4641H050T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4641H050T1G Datasheet HTML 2Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 3Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 4Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 5Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 6Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 7Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 8Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 9Page - ON Semiconductor NCP4641H050T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCP4641
http://onsemi.com
6
TYPICAL CHARACTERISTICS
2.95
2.96
2.97
2.98
2.99
3.00
3.01
3.02
3.03
3.04
3.05
−40
−20
0
20
40
60
80
100
TJ, JUNCTION TEMPERATURE (°C)
VIN = 5.0 V
Figure 9. Output Voltage vs. Temperature,
3.0 V Version
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
TJ, JUNCTION TEMPERATURE (°C)
Figure 10. Output Voltage vs. Temperature,
5.0 V Version
VIN = 8.0 V
−40
−20
0
20
40
60
80
100
7.90
7.92
7.94
7.96
7.98
8.00
8.02
8.04
8.06
8.08
8.10
TJ, JUNCTION TEMPERATURE (°C)
VIN = 11 V
Figure 11. Output Voltage vs. Temperature,
8.0 V Version
−40
−20
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
VOUT = 5.0 V
VIN, INPUT VOLTAGE (V)
Figure 12. Supply Current vs. Input Voltage
3.0 V
8.0 V
0
2
4
6
8
10
12
14
TJ, JUNCTION TEMPERATURE (°C)
Figure 13. Supply Current vs. Temperature
−40
−20
0
20
40
60
80
100
VOUT = 3.0 V
5.0 V
8.0 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
35
VIN, INPUT VOLTAGE (V)
IOUT = 40 mA
20 mA
1 mA
Figure 14. Output Voltage vs. Input Voltage,
3.0 V Version


Similar Part No. - NCP4641H050T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
More results

Similar Description - NCP4641H050T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4623HMXADJTCG ONSEMI-NCP4623HMXADJTCG Datasheet
379Kb / 20P
   150 mA, Wide Input Voltage Range, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
logo
Nisshinbo Micro Devices...
R1514X-Y NISSHINBO-R1514X-Y Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
logo
ON Semiconductor
NCP4640 ONSEMI-NCP4640 Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com