Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71-339518 Datasheet(PDF) 8 Page - Amphenol Corporation

Part # 71-339518
Description  Miniature Cylindrical Connectors
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

71-339518 Datasheet(HTML) 8 Page - Amphenol Corporation

Back Button 71-339518 Datasheet HTML 4Page - Amphenol Corporation 71-339518 Datasheet HTML 5Page - Amphenol Corporation 71-339518 Datasheet HTML 6Page - Amphenol Corporation 71-339518 Datasheet HTML 7Page - Amphenol Corporation 71-339518 Datasheet HTML 8Page - Amphenol Corporation 71-339518 Datasheet HTML 9Page - Amphenol Corporation 71-339518 Datasheet HTML 10Page - Amphenol Corporation 71-339518 Datasheet HTML 11Page - Amphenol Corporation 71-339518 Datasheet HTML 12Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
6
Insert Availability - Breakway Twist Pull
Insert
Arrangement
Crimp
Termination
Solder
Termination
Total
Contacts
Contact Size
PT-CE
PT-SE
PT
20
16
12
Service
Rating
8-2
X
X
2
2
I
8-3
X
X
3
3
I
8-4
X
X
4
4
I
10-2
X
2
2
I
10-6
X
X
X
6
6
I
10-98
X
X
6
6
I
10-99
X
X
7
7
I
12-3
X
X
X
3
3
II
12-4
X
4
4
I
12-8
X
X
X
8
8
I
12-10
X
X
X
10
10
I
12-98
X
10
10
I
14-2
X
2
2
II
14-5
X
X
X
5
5
II
14-8
X
8
6
2
I
14-12
X
X
X
12
8
4
I
14-15
X
X
X
15
14
1
I
14-16
X
4
2
2
II
14-18
X
X
X
18
18
I
14-19
X
X
X
19
19
I
14-91
X
X
3
3*
H.V.
16-6
X
6
6
I
16-8
X
X
X
8
8
II
16-23
X
X
X
23
22
1
I
16-26
X
X
X
26
26
I
16-99
X
X
23
21
2
I
18-5
X
X
5
5
II
18-11
X
X
X
11
11
II
18-28
X
X
28
26
2
I
18-30
X
X
X
30
29
1
I
18-32
X
X
X
32
32
I
18-91
X
X
6
6*
H.V.
20-8
X
8
8
I
20-16
X
X
X
16
16
II
20-24
X
X
24
24
I
20-25
X
25
25
I
20-27
X
X
27
27
I
20-39
X
X
X
39
37
2
I
20-41
X
X
X
41
41
I
22-8
X
8
8
II
22-21
X
X
X
21
21
II
22-25
X
25
25
I
22-32
X
X
X
32
32
I
22-34
X
X
34
34
I
22-36
X
X
36
36
I
22-41
X
X
41
27
14
I
22-55
X
X
X
55
55
I
22-96
X
7
7†
II
22-97
X
16
16
II
22-99
X
11
11
II
24-31
X
31
31
I
24-61
X
X
X
61
61
I
Amphenol Miniature Breakaway Twist Pull
insert availability
®
* 5KV Voltage Rating
† Size 12 contact for #10 wire.
For further information regarding any additional
insert patterns available in Breakaway Miniature
connectors, please contact Amphenol Aerospace.
For availability of shielded coax contacts within
Breakaway Miniature connectors contact Amphe-
nol.The Breakaway style pages are: PT (solder)
breakaway plug is on page 26, the PT-SE (crimp)
breakaway plug is on page 38, and the PT-CE
(crimp) breakaway plug is on page 48.


Similar Part No. - 71-339518

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
71-0.2 SIPAT-71-0.2 Datasheet
193Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
logo
Glenair, Inc.
71-002-1P-4C3.123-P1 GLENAIR-71-002-1P-4C3.123-P1 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
logo
List of Unclassifed Man...
71-1040 ETC2-71-1040 Datasheet
1Mb / 30P
   LICON. SNAP ACTION SWITCHES
71-108221-2 ETC2-71-108221-2 Datasheet
397Kb / 3P
   High current capacity control
71-2-L ETC2-71-2-L Datasheet
154Kb / 1P
   Lever ratio 4.17
More results

Similar Description - 71-339518

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
PT-SERIES AMPHENOL-PT-SERIES Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
12-070-20
12_070-180554 AMPHENOL-12_070-180554 Datasheet
1Mb / 81P
   Miniature Cylindrical Connectors
PT AMPHENOL-PT Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F24-61P AMPHENOL-MS3116F24-61P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02E-12-8P AMPHENOL-PT02E-12-8P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com