Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97-3057-1016 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # 97-3057-1016
Description  Miniature Cylindrical Connectors
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

97-3057-1016 Datasheet(HTML) 3 Page - Amphenol Corporation

  97-3057-1016 Datasheet HTML 1Page - Amphenol Corporation 97-3057-1016 Datasheet HTML 2Page - Amphenol Corporation 97-3057-1016 Datasheet HTML 3Page - Amphenol Corporation 97-3057-1016 Datasheet HTML 4Page - Amphenol Corporation 97-3057-1016 Datasheet HTML 5Page - Amphenol Corporation 97-3057-1016 Datasheet HTML 6Page - Amphenol Corporation 97-3057-1016 Datasheet HTML 7Page - Amphenol Corporation 97-3057-1016 Datasheet HTML 8Page - Amphenol Corporation 97-3057-1016 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
1
Amphenol Miniature Cylindrical Connectors
Proprietary/MIL-C-26482, Series 1
®
Amphenol® Miniature Cylindrical connectors offer twice the number of contacts in just half the size of a Standard connector. These
miniature connectors, are available in several series, each with varying design characteristics and customer options to meet cost con-
siderations and provide maximum design flexibility. There are two styles within the family that are MS approved and qualified to MIL-
C-26482, Series 1, and in addition there are several proprietary styles.
Common features of all styles:
• All are for general duty applications and environmental sealing is achieved with the grommet and clamp design.
• Operating temperature is from –55°C to +125°; Operating voltage to 1000 VAC (RMS) at sea level.
• Pin and socket contacts are machined from low loss copper alloy and gold plated to eliminate contact corrosion and provide an
indefinite shelf life.
• All have resilient inserts which provide high dielectric strength and moisture barrier.
• A variety of shell finishes (including non-cadmium) and a variety of backend accessories are available within the styles.
Options
• 7 shell styles with 60 insert patterns
• Hermetic seal (glass fusion) recepta-
cle styles available
• Pressurized thru bulkhead recepta-
cle style available
• Breakaway quick disconnect styles
• EMI filter protection styles
• Pre-installed coax solder contacts
are available
• Printed circuit board contacts are
available
Bayonet Coupling with Solder Contact Termination
PT, MS/PT (solder)
• MS and proprietary versions
• Factory installed solder contacts
• 3 point bayonet coupling and 5 key/keyway mating.
• Intermateable with all miniature series connectors except threaded
PC series.
• MS/PT meets MIL-C-26482 Series 1, service classes E, F and P.
• MS/PT is UL recognized.
SP (solder)
• SP Series is a modification of the PT with same features except a
wider flange for back panel mounting
Bayonet Coupling with Crimp Contact Termination
PT-SE, MS/PT-SE (crimp)
• MS and proprietary versions
• Crimp rear insertable/front release contact termination. (closed entry
socket insert prevents probe damage).
• 3 point bayonet coupling and 5 key/keyway mating.
• Intermateable with all miniature series connectors except threaded
PC series.
• MS/PT-SE meets MIL-C-26482 Series 1, service classes E, F, P.
SP-SE (crimp)
• Modification of the PT-SE with wider flange for back panel mounting
PT-CE, SP-CE (crimp)
• Incorporates a special one-piece insert and grommet assembly
Threaded Coupling with Solder Contact Termination
PC (solder) Proprietary
• Double stub threaded coupling and single hole polarization.
• Factory installed solder contacts
Threaded Coupling with Crimp Contact Termination
Two threaded PC styles are offered in some shell sizes. Both have
crimp front release and front removable contacts, but they have differ-
ent retention systems.
PC-SE (crimp) Proprietary - with spring tower retention system
• Spring tower retention system
PC-CE (crimp) Proprietary - with nylon wafer dielectric system
Options
• 6 shell styles with 47 insert patterns
• Breakaway quick disconnect style
available
• Coax and thermocouple contacts are
available
Options
• 5 shell styles with 60 insert patterns
• Hermetic receptacles available
• Pressurized thru bulkhead recepta-
cle style available
• Pre-installed coax solder contacts
are available.
Options
• 5 shell styles (consult Amphenol for
availability of shell sizes and insert
patterns)
PT Solder
jam nut receptacle and
mated straight plug
PT-SE Crimp
wall mount receptacle
and mated straight plug
PT Solder
wall mount receptacle
PC Threaded Crimp
straight plug and wall
mount receptacle


Similar Part No. - 97-3057-1016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
97-3057-1016 ETC1-97-3057-1016 Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3057-1016 ETC2-97-3057-1016 Datasheet
130Kb / 9P
   GT Connectors - accessories
97-3057-1016-1 ETC1-97-3057-1016-1 Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
More results

Similar Description - 97-3057-1016

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
PT-SERIES AMPHENOL-PT-SERIES Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
12-070-20
12_070-180554 AMPHENOL-12_070-180554 Datasheet
1Mb / 81P
   Miniature Cylindrical Connectors
PT AMPHENOL-PT Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F24-61P AMPHENOL-MS3116F24-61P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02E-12-8P AMPHENOL-PT02E-12-8P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com