Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCFR7023-7050 Datasheet(PDF) 2 Page - FCI connector

Part # SCFR7023-7050
Description  70 Amps SOZA CELL AUTO AVALANCH DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

SCFR7023-7050 Datasheet(HTML) 2 Page - FCI connector

  SCFR7023-7050 Datasheet HTML 1Page - FCI connector SCFR7023-7050 Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SCFR7023 ~SCFR7043
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
70
50
20
10
60
10
100
1000
1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
75
125
150
25
100
175
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
100
200
400
500
600
800
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=150
oC
TJ=25
oC
70 Amps SOZA CELL
AUTO AVALANCHE DIODES


Similar Part No. - SCFR7023-7050

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SCFR7023 FCI-SCFR7023 Datasheet
879Kb / 2P
   70 Amps SOZA CELL AUTO AVALANCH DIODES High surge current capability
More results

Similar Description - SCFR7023-7050

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SCFR7023 FCI-SCFR7023 Datasheet
879Kb / 2P
   70 Amps SOZA CELL AUTO AVALANCH DIODES High surge current capability
logo
FCI connector
SCFR5002-5006 FCI-CONNECTOR-SCFR5002-5006 Datasheet
553Kb / 2P
   50 Amps SOZA CELL AUTO DIODES
logo
First Components Intern...
SCFR7002 FCI-SCFR7002 Datasheet
606Kb / 2P
   70 Amps SOZA CELL AUTO DIODES High surge current capability
logo
FCI connector
SCFR3518-C3530 FCI-CONNECTOR-SCFR3518-C3530 Datasheet
451Kb / 2P
   35 Amps SOZA CELL AUTO AVALANCHE DIODES
logo
First Components Intern...
SCFR3502 FCI-SCFR3502 Datasheet
472Kb / 2P
   35 Amps SOZA CELL AUTO DIODES High surge current capability
SCFR5002 FCI-SCFR5002 Datasheet
553Kb / 2P
   50 Amps SOZA CELL AUTO DIODES High surge current capability
SCFR3518 FCI-SCFR3518 Datasheet
451Kb / 2P
   35 Amps SOZA CELL AUTO AVALANCHE DIODES High surge current capability
SCFR5018 FCI-SCFR5018 Datasheet
549Kb / 2P
   50 Amps SOZA CELL AUTO AVALANCHE DIODES High surge current capability
SCFR2501 FCI-SCFR2501 Datasheet
2Mb / 2P
   25.0 Amp SOZA CELL AUTO DIODE
logo
MIC GROUP RECTIFIERS
SOZAA20L MIC-SOZAA20L Datasheet
20Kb / 1P
   SOZA CELL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com