Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3992 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3992
Description  DMOS Dual Full-Bridge Microstepping PWM Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3992 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3992_13 Datasheet HTML 1Page - Allegro MicroSystems A3992_13 Datasheet HTML 2Page - Allegro MicroSystems A3992_13 Datasheet HTML 3Page - Allegro MicroSystems A3992_13 Datasheet HTML 4Page - Allegro MicroSystems A3992_13 Datasheet HTML 5Page - Allegro MicroSystems A3992_13 Datasheet HTML 6Page - Allegro MicroSystems A3992_13 Datasheet HTML 7Page - Allegro MicroSystems A3992_13 Datasheet HTML 8Page - Allegro MicroSystems A3992_13 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DMOS Dual Full-Bridge
Microstepping PWM Motor Driver
A3992
4
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ELECTRICAL CHARACTERISTICS1 valid at TA= 25°C, VBB = 50 V, fPWM < 50 kHz, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.2
Max.
Units
Output Drivers
Load Supply Voltage Range
VBB
Operating, IOUT = ±1.5 A
15
50
V
During Sleep mode
0
50
V
Output Leakage Current
IDSS
VOUT = VBB
<1.0
50
μA
VOUT = 0 V
<–1.0
–50
μA
Output On Resistance
RDS(on)
Source driver, IOUT = -1.5 A
0.54
0.6
Ω
Sink driver, IOUT = 1.5 A
0.54
0.6
Ω
Body Diode Forward Voltage
VF
Source diode, IF = -1.5 A
1.2
V
Sink diode, IF = 1.5 A
1.2
V
Motor Supply Current
IBB
fPWM < 50 kHz
8
mA
Operating, outputs disabled
6
mA
Sleep or Idle mode
20
μA
Logic Supply Current
IDD
fPWM < 50 kHz
12
mA
Outputs off
10
mA
Idle mode (Word 1, D18 = 0)
1.5
mA
Sleep mode
100
μA
Control Logic
Logic Supply Voltage Range
VDD
Operating
4.5
5
5.5
V
Logic Input Voltage
VIN(1)
2.0
V
VIN(0)
0.8
V
Logic Input Current
IIN(1)
VIN = 2.0 V
<1.0
20
μA
IIN(0)
VIN = 0.8 V
<–2.0
–20
μA
Input Hysteresis
0.20
0.40
V
Minimum sleep pulse width
tS
> 2
μs
OSC input frequency
fOSC(in)
Divide by 1 (Word 2, D13=0, D14=1)
2.5
6
MHz
OSC input duty cycle
40
60
%
Internal Oscillator
fOSC
OSC shorted to GND
3
4
5
MHz
ROSC= 51 kΩ
3.4
4
4.6
MHz
DAC Accuracy
VDAC
Measured relative to REF buffer output
±0.5
LSB
Reference Input Voltage Range
.5
2.6
V
Reference Buffer Offset
VOS
±10
mV
Reference Divider Ratio
VREF/VSENSE
Word 0, D18 = 0, D17 = 1, VREF = 0.5 to 2.6 V
7.4
8
8.8
Word 0, D18 = 1, D17 = 1, VREF =0.5 to 2.6 V
3.6
4
4.4
Reference Input Current
IREF
VREF = 2.0 V
–0.5
0.5
μA
Internal Reference Voltage
VREFINT
1.940
2.0
2.060
V
Comparator Input Offset Volt.
VIO
VREF = 0 V
–5
0
5
mV
GM Error3
VERR
Internal VREF, Range = 8, DAC = 63
–6
0
6
%
Internal VREF, Range = 8, DAC = 31
–9
0
9
%
Internal VREF, Range = 4, DAC = 63
–6
0
6
%
Internal VREF, Range = 4, DAC = 15
–10
0
10
%
Propagation Delay Times
tpd
50% to 90%; PWM change to source on
500
800
1000
ns
50% to 90%; PWM change to source off
35
250
ns
50% to 90%; PWM change to sink on
500
800
1000
ns
50% to 90%; PWM change to sink off
35
250
ns
Crossover Dead Time
tDT
300
650
900
ns
UVLO Enable Threshold
VUVLO
VDD rising
3.9
4.2
4.45
V
UVLO Hysteresis
VUVLOHYS
0.05
0.10
V
Protection Circuitry
Overcurrent Protection Threshold4
IOCPST
2–
A
Overcurrent Blanking
tOCP
1–
3
μs
Thermal Shutdown Temperature
TJ
165
°C
Thermal Shutdown Hysteresis
TJHYS
–15
°C
1
Negative current is defined as coming out of (sourcing) the specified device pin.
2
Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for
individual units, within the specified maximum and minimum limits.
3
VERR = [(VREF/Range) – VSENSE] /(VREF/Range).
4
OCP is tested at TA = 25°C in a restricted range and guaranteed by characterization.


Similar Part No. - A3992_13

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3992SBT ALLEGRO-A3992SBT Datasheet
477Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3992SBT- ALLEGRO-A3992SBT- Datasheet
477Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3992SLP-T ALLEGRO-A3992SLP-T Datasheet
477Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3992SLPTR-T ALLEGRO-A3992SLPTR-T Datasheet
477Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
More results

Similar Description - A3992_13

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3973SLB-T ALLEGRO-A3973SLB-T Datasheet
364Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3992 ALLEGRO-A3992 Datasheet
477Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3973 ALLEGRO-A3973 Datasheet
364Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
3972 ALLEGRO-3972 Datasheet
190Kb / 12P
   DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
3973 ALLEGRO-3973 Datasheet
201Kb / 12P
   DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
December 1, 2000
A3972SB-T ALLEGRO-A3972SB-T Datasheet
282Kb / 11P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
logo
Shindengen Electric Mfg...
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018F SHINDENGEN-MTD2018F Datasheet
91Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com