Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5270BRMZ-50-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5270BRMZ-50-RL7
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5270BRMZ-50-RL7 Datasheet(HTML) 1 Page - Analog Devices

  AD5270BRMZ-50-RL7 Datasheet HTML 1Page - Analog Devices AD5270BRMZ-50-RL7 Datasheet HTML 2Page - Analog Devices AD5270BRMZ-50-RL7 Datasheet HTML 3Page - Analog Devices AD5270BRMZ-50-RL7 Datasheet HTML 4Page - Analog Devices AD5270BRMZ-50-RL7 Datasheet HTML 5Page - Analog Devices AD5270BRMZ-50-RL7 Datasheet HTML 6Page - Analog Devices AD5270BRMZ-50-RL7 Datasheet HTML 7Page - Analog Devices AD5270BRMZ-50-RL7 Datasheet HTML 8Page - Analog Devices AD5270BRMZ-50-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1024-/256-Position, 1% Resistor Tolerance Error,
SPI Interface and 50-TP Memory Digital Rheostat
Data Sheet
AD5270/AD5271
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single-channel, 1024-/256-position resolution
20 kΩ, 50 kΩ, 100 kΩ nominal resistance
Maximum ±1% nominal resistor tolerance error
50-times programmable (50-TP) wiper memory
Rheostat mode temperature coefficient: 5 ppm/°C
2.7 V to 5.5 V single-supply operation
±2.5 V to ±2.75 V dual-supply operation for ac or bipolar
operations
SPI-compatible interface
Wiper setting readback
Power on refreshed from 50-TP memory
Thin LFCSP, 10-lead, 3 mm × 3 mm × 0.8 mm package
Compact MSOP, 10-lead, 3 mm × 4.9 mm × 1.1 mm package
APPLICATIONS
Mechanical rheostat replacements
Op-amp: variable gain control
Instrumentation: gain, offset adjustment
Programmable voltage to current conversions
Programmable filters, delays, time constants
Programmable power supply
Sensor calibration
FUNCTIONAL BLOCK DIAGRAM
10/8
VDD
VSS
EXT_CAP
GND
A
W
AD5270/AD5271
SCLK
DIN
SDO
SERIAL
INTERFACE
POWER-ON
RESET
RDAC
REGISTER
50-TP
MEMORY
BLOCK
SYNC
Figure 1.
GENERAL DESCRIPTION
The AD5270/AD52711 are single-channel, 1024-/256-position
digital rheostats that combine industry leading variable resistor
performance with nonvolatile memory (NVM) in a compact
package.
The AD5270/AD5271 ensure less than 1% end-to-end resistor
tolerance error and offer 50-times programmable (50-TP) memory.
The guaranteed industry leading low resistor tolerance error
feature simplifies open-loop applications as well as precision
calibration and tolerance matching applications.
The AD5270/AD5271 device wiper settings are controllable
through the SPI digital interface. Unlimited adjustments are
allowed before programming the resistance value into the
50-TP memory. The AD5270/AD5271 do not require any
external voltage supply to facilitate fuse blow and there are
50 opportunities for permanent programming. During 50-TP
activation, a permanent blow fuse command freezes the resistance
position (analogous to placing epoxy on a mechanical trimmer).
The AD5270/AD5271 are available in a 3 mm × 3 mm, 10-lead
LFCSP package and in a 10-lead MSOP package. The parts are
guaranteed to operate over the extended industrial temperature
range of −40°C to +125°C.
1 Protected by U.S.Patent Number 7688240


Similar Part No. - AD5270BRMZ-50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5270-20 AD-AD5270-20 Datasheet
223Kb / 5P
   Devices Connected
More results

Similar Description - AD5270BRMZ-50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5291 AD-AD5291 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com