Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9517-4ABCPZ-RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9517-4ABCPZ-RL7
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4ABCPZ-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9517-4ABCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD9517-4ABCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD9517-4ABCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD9517-4ABCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD9517-4ABCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD9517-4ABCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD9517-4ABCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD9517-4ABCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD9517-4ABCPZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
Data Sheet
AD9517-4
Rev. E | Page 9 of 80
CLOCK OUTPUT ADDITIVE PHASE NOISE (DISTRIBUTION ONLY; VCO DIVIDER NOT USED)
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK-TO-LVPECL ADDITIVE PHASE NOISE
Distribution section only; does not include PLL and VCO
CLK = 1 GHz, Output = 1 GHz
Input slew rate > 1 V/ns
Divider = 1
At 10 Hz Offset
−109
dBc/Hz
At 100 Hz Offset
−118
dBc/Hz
At 1 kHz Offset
−130
dBc/Hz
At 10 kHz Offset
−139
dBc/Hz
At 100 kHz Offset
−144
dBc/Hz
At 1 MHz Offset
−146
dBc/Hz
At 10 MHz Offset
−147
dBc/Hz
At 100 MHz Offset
−149
dBc/Hz
CLK = 1 GHz, Output = 200 MHz
Input slew rate > 1 V/ns
Divider = 5
At 10 Hz Offset
−120
dBc/Hz
At 100 Hz Offset
−126
dBc/Hz
At 1 kHz Offset
−139
dBc/Hz
At 10 kHz Offset
−150
dBc/Hz
At 100 kHz Offset
−155
dBc/Hz
At 1 MHz Offset
−157
dBc/Hz
>10 MHz Offset
−157
dBc/Hz
CLK-TO-LVDS ADDITIVE PHASE NOISE
Distribution section only; does not include PLL and VCO
CLK = 1.6 GHz, Output = 800 MHz
Input slew rate > 1 V/ns
Divider = 2
At 10 Hz Offset
−103
dBc/Hz
At 100 Hz Offset
−110
dBc/Hz
At 1 kHz Offset
−120
dBc/Hz
At 10 kHz Offset
−127
dBc/Hz
At 100 kHz Offset
−133
dBc/Hz
At 1 MHz Offset
−138
dBc/Hz
At 10 MHz Offset
−147
dBc/Hz
At 100 MHz Offset
−149
dBc/Hz
CLK = 1.6 GHz, Output = 400 MHz
Input slew rate > 1 V/ns
Divider = 4
At 10 Hz Offset
−114
dBc/Hz
At 100 Hz Offset
−122
dBc/Hz
At 1 kHz Offset
−132
dBc/Hz
At 10 kHz Offset
−140
dBc/Hz
At 100 kHz Offset
−146
dBc/Hz
At 1 MHz Offset
−150
dBc/Hz
>10 MHz Offset
−155
dBc/Hz
CLK-TO-CMOS ADDITIVE PHASE NOISE
Distribution section only; does not include PLL and VCO
CLK = 1 GHz, Output = 250 MHz
Input slew rate > 1 V/ns
Divider = 4
At 10 Hz Offset
−110
dBc/Hz
At 100 Hz Offset
−120
dBc/Hz
At 1 kHz Offset
−127
dBc/Hz
At 10 kHz Offset
−136
dBc/Hz
At 100 kHz Offset
−144
dBc/Hz
At 1 MHz Offset
−147
dBc/Hz
>10 MHz Offset
−154
dBc/Hz


Similar Part No. - AD9517-4ABCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9517-4ABCPZ-RL7 AD-AD9517-4ABCPZ-RL7 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
More results

Similar Description - AD9517-4ABCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9517-4BCPZ AD-AD9517-4BCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4 AD-AD9517-4_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9518-4 AD-AD9518-4 Datasheet
985Kb / 64P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
REV. B
AD9520-4 AD-AD9520-4 Datasheet
1Mb / 84P
   12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9522-4 AD-AD9522-4 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9517-3 AD-AD9517-3 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com