Electronic Components Datasheet Search |
|
AD5640BRJ-2REEL7 Datasheet(PDF) 5 Page - Analog Devices |
|
AD5640BRJ-2REEL7 Datasheet(HTML) 5 Page - Analog Devices |
5 / 28 page AD5620/AD5640/AD5660 Rev. F | Page 5 of 28 AD5620/AD5640/AD5660-1 VDD1 = 2.7 V to 3.3 V, RL = 2 kΩ to GND, CL = 200 pF to GND, CREFOUT = 100 nF; all specifications TMIN to TMAX, unless otherwise noted. Table 3. Parameter A Grade2 B Grade2 C Grade2 Unit Conditions/Comments STATIC PERFORMANCE3 AD5660 Resolution 16 16 16 Bits min Relative Accuracy ±32 ±16 ±16 LSB max Differential Nonlinearity ±1 ±1 ±1 LSB max Guaranteed monotonic by design AD5640 Resolution 14 14 14 Bits min Relative Accuracy ±8 ±4 ±4 LSB max Differential Nonlinearity ±0.5 ±0.5 ±0.5 LSB max Guaranteed monotonic by design AD5620 Resolution 12 12 12 Bits min Relative Accuracy ±6 ±1 ±1 LSB max Differential Nonlinearity ±0.25 ±0.25 ±0.25 LSB max Guaranteed monotonic by design Zero-Code Error 2 2 2 mV typ All 0s loaded to DAC register 8 8 8 mV max Offset Error ±9 ±9 ±9 mV max Full-Scale Error ±0.15 ±0.15 ±0.15 % FSR typ All 1s loaded to DAC register ±0.85 ±0.85 ±0.85 % FSR max Gain Error ±0.85 ±0.85 ±0.85 % FSR max Zero-Code Error Drift ±2 ±2 ±2 μV/°C typ Gain Temperature Coefficient ±2.5 ±2.5 ±2.5 ppm typ Of FSR/°C DC Power Supply Rejection Ratio −60 −60 −60 dB typ DAC code = midscale; VDD = 3 V ± 10% OUTPUT CHARACTERISTICS4 Output Voltage Range 0 0 V min VDD VDD VDD V max Output Voltage Settling Time 8 8 8 μs typ ¼ to ¾ scale change settling to ±2 LSB 10 10 10 μs max RL = 2 kΩ; 0 pF < CL < 200 pF Slew Rate 1.5 1.5 1.5 V/μs typ ¼ to ¾ scale Capacitive Load Stability 2 2 2 nF typ RL = ∞ 10 10 10 nF typ RL = 2 kΩ Output Noise Spectral Density 80 80 80 nV/√Hz typ DAC code = midscale, 10 kHz Output Noise (0.1 Hz to 10 Hz) 20 20 20 μV p-p typ DAC code = midscale Digital-to-Analog Glitch Impulse 5 5 5 nV-s typ 1 LSB change around major carry Digital Feedthrough 0.1 0.1 0.1 nV-s typ DC Output Impedance 0.5 0.5 0.5 Ω typ Short-Circuit Current 30 30 30 mA typ VDD = 3 V Power-Up Time 6 6 6 μs typ Coming out of power-down mode; VDD = 3 V REFERENCE OUTPUT Output Voltage 1.247 1.247 1.247 V min At ambient 1.253 1.253 1.253 V max Reference TC4 ±10 ±10 ±5 ppm/°C typ ±15 ppm/°C max Output Impedance 7.5 7.5 7.5 kΩ typ |
Similar Part No. - AD5640BRJ-2REEL7 |
|
Similar Description - AD5640BRJ-2REEL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |