Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-2BCPZRL Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4360-2BCPZRL
Description  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-2BCPZRL Datasheet(HTML) 4 Page - Analog Devices

  ADF4360-2BCPZRL Datasheet HTML 1Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 2Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 3Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 4Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 5Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 6Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 7Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 8Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADF4360-2
Data Sheet
Rev. C | Page 4 of 24
Parameter
B Version
Unit
Conditions/Comments
RF OUTPUT CHARACTERISTICS5
VCO Output Frequency
1850/2170
MHz min/max
ICORE = 20 mA, RF < 2 GHz
ICORE = 15 mA, RF > 2 GHz
VCO Sensitivity
57
MHz/V typ
Lock Time6
400
µs typ
To within 10 Hz of final frequency
Frequency Pushing (Open Loop)
6
MHz/V typ
Frequency Pulling (Open Loop)
15
kHz typ
Into 2.00 VSWR load
Harmonic Content (Second)
−19
dBc typ
Harmonic Content (Third)
−37
dBc typ
Output Power5, 7
−13/−6
dBm typ
Programmable in 3 dB steps (see Table 7)
Output Power Variation
±3
dB typ
For tuned loads, see the Output Matching section
VCO Tuning Range
1.25/2.7
V min/max
NOISE CHARACTERISTICS5
VCO Phase-Noise Performance8
−110
dBc/Hz typ
@ 100 kHz offset from carrier
−133
dBc/Hz typ
@ 1 MHz offset from carrier
−141
dBc/Hz typ
@ 3 MHz offset from carrier
−147
dBc/Hz typ
@ 10 MHz offset from carrier
Synthesizer Phase-Noise Floor9
−172
dBc/Hz typ
@ 25 kHz PFD frequency
−163
dBc/Hz typ
@ 200 kHz PFD frequency
−147
dBc/Hz typ
@ 8 MHz PFD frequency
In-Band Phase Noise10, 11
−83
dBc/Hz typ
@ 1 kHz offset from carrier
RMS Integrated Phase Error12
0.64
Degrees typ
100 Hz to 100 kHz
Spurious Signals due to PFD Frequency11, 13
−70
dBc typ
Level of Unlocked Signal with MTLD Enabled
−42
dBm typ
1
Operating temperature range is −40°C to +85°C.
2
Guaranteed by design. Sample tested to ensure compliance.
3
ICP is internally modified to maintain constant loop gain over the frequency range.
4
TA = 25°C; AVDD = DVDD = VVCO = 3.3 V; P = 32.
5
For RF > 2 GHz, these characteristics are guaranteed only for VCO core power = 15 mA. For frequencies < 2 GHz, these characteristics are guaranteed only for VCO core
power = 20 mA.
6
Jumping from 2.0 GHz to 2.17 GHz. PFD frequency = 200 kHz; loop bandwidth = 10 kHz.
7
Using 50 Ω resistors to VVCO into a 50 Ω load. For tuned loads, see the Output Matching section.
8
The noise of the VCO is measured in open-loop conditions.
9
The synthesizer phase-noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log N (where N is the N divider value).
10
The phase noise is measured with the EV-ADF4360-2EB1Z Evaluation Board and the HP8562E spectrum analyzer. The spectrum analyzer provides the REFIN for the
synthesizer; offset frequency = 1 kHz.
11
fREFIN = 10 MHz; fPFD = 200 kHz; N = 10000; Loop B/W = 10 kHz.
12
fREFIN = 10 MHz; fPFD = 1 MHz; N = 2000; Loop B/W = 25 kHz.
13
The spurious signals are measured with the EV-ADF4360-2EB1Z Evaluation Board and the HP8562E spectrum analyzer. The spectrum analyzer provides the REFIN for
the synthesizer; fREFOUT = 10 MHz @ 0 dBm.


Similar Part No. - ADF4360-2BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-2BCPZRL7 AD-ADF4360-2BCPZRL7 Datasheet
433Kb / 24P
   Integrated Synthesizer and VCO
More results

Similar Description - ADF4360-2BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com