Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-2BCPZRL Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4360-2BCPZRL
Description  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-2BCPZRL Datasheet(HTML) 1 Page - Analog Devices

  ADF4360-2BCPZRL Datasheet HTML 1Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 2Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 3Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 4Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 5Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 6Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 7Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 8Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Integrated Synthesizer and VCO
Data Sheet
ADF4360-2
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Output frequency range: 1850 MHz to 2170 MHz
Divide-by-2 output
3.0 V to 3.6 V power supply
1.8 V logic compatibility
Integer-N synthesizer
Programmable dual-modulus prescaler 8/9, 16/17, 32/33
Programmable output power level
3-wire serial interface
Analog and digital lock detect
Hardware and software power-down mode
APPLICATIONS
Wireless handsets (DECT, GSM, PCS, DCS, WCDMA)
Test equipment
Wireless LANs
CATV equipment
GENERAL DESCRIPTION
The ADF4360-2 is a fully integrated integer-N synthesizer
and voltage-controlled oscillator (VCO). The ADF4360-2 is
designed for a center frequency of 2000 MHz. In addition, a
divide-by-2 option is available, whereby the user gets an RF
output of between 925 MHz and 1085 MHz.
Control of all the on-chip registers is through a simple 3-wire
interface. The device operates with a power supply ranging
from 3.0 V to 3.6 V and can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
MUXOUT
CP
VVCO
REFIN
CLK
DATA
LE
AVDD
DVDD
CE
AGND
DGND
CPGND
RSET
VTUNE
CC
CN
RFOUTA
RFOUTB
VCO
CORE
PHASE
COMPARATOR
MUTE
DIVSEL = 2
DIVSEL = 1
N = (BP + A)
LOAD
LOAD
CHARGE
PUMP
OUTPUT
STAGE
INTEGER
REGISTER
13-BIT B
COUNTER
14-BIT R
COUNTER
24-BIT
FUNCTION
LATCH
24-BIT
DATA REGISTER
5-BIT A
COUNTER
PRESCALER
P/P+1
MULTIPLEXER
LOCK
DETECT
÷2
ADF4360-2
Figure 1.


Similar Part No. - ADF4360-2BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-2BCPZRL7 AD-ADF4360-2BCPZRL7 Datasheet
433Kb / 24P
   Integrated Synthesizer and VCO
More results

Similar Description - ADF4360-2BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com