Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-2BCPZRL Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4360-2BCPZRL
Description  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-2BCPZRL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4360-2BCPZRL Datasheet HTML 7Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 8Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 9Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 10Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 11Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 12Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 13Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 14Page - Analog Devices ADF4360-2BCPZRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADF4360-2
Rev. C | Page 11 of 24
The operating current in the VCO core is programmable in four
steps: 5 mA, 10 mA, 15 mA, and 20 mA. This is controlled by
Bit PC1 and Bit PC2 in the control latch. For VCO frequencies
above 2 GHz, only the 15 mA core current should be used, and
for frequencies below 2 GHz, only 20 mA core current should
be used.
OUTPUT STAGE
The RFOUTA and RFOUTB pins of the ADF4360 family are
connected to the collectors of an NPN differential pair driven
by buffered outputs of the VCO, as shown in Figure 15. To
allow the user to optimize the power dissipation vs. the output
power requirements, the tail current of the differential pair is
programmable via Bit PL1 and Bit PL2 in the control latch. Four
current levels can be set: 3.5 mA, 5 mA, 7.5 mA, and 11 mA.
These levels give output power levels of −13 dBm, −11 dBm,
−8 dBm, and −6 dBm, respectively, using a 50 Ω resistor to VDD
and ac coupling into a 50 Ω load. Alternatively, both outputs
can be combined in a 1 + 1:1 transformer or a 180° microstrip
coupler (see the Output Matching section).
If the outputs are used individually, the optimum output stage
consists of a shunt inductor to VDD.
Another feature of the ADF4360 family is that the supply
current to the RF output stage is shut down until the part
achieves lock as measured by the digital lock detect circuitry.
This is enabled by the mute-till-lock detect (MTLD) bit in the
control latch.
VCO
RFOUTA
RFOUTB
BUFFER/
DIVIDE-BY-2
Figure 15. Output Stage ADF4360-2


Similar Part No. - ADF4360-2BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-2BCPZRL7 AD-ADF4360-2BCPZRL7 Datasheet
433Kb / 24P
   Integrated Synthesizer and VCO
More results

Similar Description - ADF4360-2BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com