Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG918BRM-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # ADG918BRM-REEL
Description  Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG918BRM-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG918BRM-REEL Datasheet HTML 7Page - Analog Devices ADG918BRM-REEL Datasheet HTML 8Page - Analog Devices ADG918BRM-REEL Datasheet HTML 9Page - Analog Devices ADG918BRM-REEL Datasheet HTML 10Page - Analog Devices ADG918BRM-REEL Datasheet HTML 11Page - Analog Devices ADG918BRM-REEL Datasheet HTML 12Page - Analog Devices ADG918BRM-REEL Datasheet HTML 13Page - Analog Devices ADG918BRM-REEL Datasheet HTML 14Page - Analog Devices ADG918BRM-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG918/ADG919
Rev. C | Page 11 of 16
TEST CIRCUITS
Setups for the ADG918 are similar.
tON
50%
50%
90%
10%
VCTRL
VOUT
tOFF
VDD
VDD
0.1µF
VS
CTRL
RFx
RFC
GND
RL
50Ω
VOUT
Figure 18. Switch Timing: tON, tOFF
VCTRL
VOUT
50%
50%
90%
90%
10%
10%
tFALL
tRISE
VDD
VDD
0.1µF
VS
CTRL
RFx
RFC
GND
RL
50Ω
VOUT
Figure 19. Switch
VS
NETWORK
ANALYZER
VCTRL
OFF ISOLATION = 20log
VOUT
VS
VDD
0.1µF
VDD
50Ω
VOUT
RL
50Ω
ADG919
RF2
RF1
CTRL
RFC
GND
50Ω
Figure 20. Off Isolation
VS
NETWORK
ANALYZER
VCTRL
INSERTION LOSS = 20log
VOUT
VS
VDD
VDD
0.1µF
50Ω
VOUT
RL
50Ω
ADG919
RF2
RF1
CTRL
RFC
GND
50Ω
Figure 21. Insertion Loss
VS
NETWORK
ANALYZER
VCTRL
CROSSTALK = 20log
VOUT
VS
VDD
0.1µF
VDD
50Ω
VOUT
RL
50Ω
ADG919
RF2
RF1
CTRL
RFC
GND
50Ω
Figure 22. Crosstalk
VCTRL
VDD
0.1µF
VDD
ADG919
RF2
RF1
CTRL
RFC
GND
NC
NC
OSCILLOSCOPE
Figure 23. Video Feedthrough


Similar Part No. - ADG918BRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918BRM-REEL7 AD-ADG918BRM-REEL7 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
More results

Similar Description - ADG918BRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG918 AD-ADG918 Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com