Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG918BRMZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG918BRMZ1
Description  Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG918BRMZ1 Datasheet(HTML) 5 Page - Analog Devices

  ADG918BRMZ1 Datasheet HTML 1Page - Analog Devices ADG918BRMZ1 Datasheet HTML 2Page - Analog Devices ADG918BRMZ1 Datasheet HTML 3Page - Analog Devices ADG918BRMZ1 Datasheet HTML 4Page - Analog Devices ADG918BRMZ1 Datasheet HTML 5Page - Analog Devices ADG918BRMZ1 Datasheet HTML 6Page - Analog Devices ADG918BRMZ1 Datasheet HTML 7Page - Analog Devices ADG918BRMZ1 Datasheet HTML 8Page - Analog Devices ADG918BRMZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG918/ADG919
Rev. C | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
VDD to GND
–0.5 V to +4 V
Inputs to GND
–0.5 V to VDD + 0.3 V1
Continuous Current
30 mA
Input Power
18 dBm
Operating Temperature Range
Industrial (B Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
MSOP Package
θJA Thermal Impedance
206°C/W
LFCSP Package
θJA Thermal Impedance (2-layer board)
84°C/W
θJA Thermal Impedance (4-layer board)
48°C/W
Lead Temperature, Soldering (10 sec)
300°C
IR Reflow, Peak Temperature (<20 sec)
235°C
ESD
1 kV
1RF1 and RF2 off port inputs to ground: −0.5 V to VDD – 0.5 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADG918BRMZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918BRMZ AD-ADG918BRMZ Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG918BRMZ-500RL7 AD-ADG918BRMZ-500RL7 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG918BRMZ-REEL AD-ADG918BRMZ-REEL Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG918BRMZ-REEL7 AD-ADG918BRMZ-REEL7 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
More results

Similar Description - ADG918BRMZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG918 AD-ADG918 Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com