Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG918BRMZ-REEL71 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG918BRMZ-REEL71
Description  Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG918BRMZ-REEL71 Datasheet(HTML) 4 Page - Analog Devices

  ADG918BRMZ-REEL71 Datasheet HTML 1Page - Analog Devices ADG918BRMZ-REEL71 Datasheet HTML 2Page - Analog Devices ADG918BRMZ-REEL71 Datasheet HTML 3Page - Analog Devices ADG918BRMZ-REEL71 Datasheet HTML 4Page - Analog Devices ADG918BRMZ-REEL71 Datasheet HTML 5Page - Analog Devices ADG918BRMZ-REEL71 Datasheet HTML 6Page - Analog Devices ADG918BRMZ-REEL71 Datasheet HTML 7Page - Analog Devices ADG918BRMZ-REEL71 Datasheet HTML 8Page - Analog Devices ADG918BRMZ-REEL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG918/ADG919
Rev. C | Page 4 of 16
B Version
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
CAPACITANCE3
RF On Capacitance
CRF ON
f = 1 MHz
1.6
pF
CTRL Input Capacitance
CCTRL
f = 1 MHz
2
pF
POWER REQUIREMENTS
VDD
1.65
2.75
V
Quiescent Power Supply Current
IDD
Digital inputs = 0 V or VDD
0.1
1
μA
1 Typical values are at VDD = 2.5 V and 25°C, unless otherwise stated.
2 Point at which insertion loss degrades by 1 dB.
3 Guaranteed by design, not subject to production test.
4 The dc transience at the output of any port of the switch when the control voltage is switched from high to low or low to high in a 50 Ω test setup, measured with 1 ns
rise time pulses and 500 MHz bandwidth.


Similar Part No. - ADG918BRMZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918BRMZ-REEL7 AD-ADG918BRMZ-REEL7 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
More results

Similar Description - ADG918BRMZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG918 AD-ADG918 Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com