Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG918BCP-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG918BCP-REEL7
Description  Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG918BCP-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG918BCP-REEL7 Datasheet HTML 6Page - Analog Devices ADG918BCP-REEL7 Datasheet HTML 7Page - Analog Devices ADG918BCP-REEL7 Datasheet HTML 8Page - Analog Devices ADG918BCP-REEL7 Datasheet HTML 9Page - Analog Devices ADG918BCP-REEL7 Datasheet HTML 10Page - Analog Devices ADG918BCP-REEL7 Datasheet HTML 11Page - Analog Devices ADG918BCP-REEL7 Datasheet HTML 12Page - Analog Devices ADG918BCP-REEL7 Datasheet HTML 13Page - Analog Devices ADG918BCP-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG918/ADG919
Rev. C | Page 10 of 16
TERMINOLOGY
VDD
Most positive power supply potential.
IDD
Positive supply current.
GND
Ground (0 V) reference.
CTRL
Logic control input.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
CIN
Digital input capacitance.
tON
Delay between applying the digital control input and the output
switching on.
tOFF
Delay between applying the digital control input and the output
switching off.
tRISE
Rise time; time for the RF signal to rise from 10% to 90% of the
on level.
tFALL
Fall time; time for the RF signal to fall from 90% to 10% of the
on level.
Off Isolation
The attenuation between the input and output ports of the
switch when the switch control voltage is in the off condition.
Insertion Loss
The attenuation between the input and output ports of the
switch when the switch control voltage is in the on condition.
P–1 dB
1 dB compression point. The RF input power level at which the
switch insertion loss increases by 1 dB over its low level value. It
is a measure of how much power the on switch can handle
before the insertion loss increases by 1 dB.
IP3
Third order intermodulation intercept. This is a measure of the
power in false tones that occur when closely spaced tones are
passed through a switch, whereby the nonlinearity of the switch
causes these false tones to be generated.
Return Loss
The amount of reflected power relative to the incident power at
a port. Large return loss indicates good matching. By measuring
return loss, the VSWR (voltage standing wave ratio) can be
calculated from conversion charts. VSWR indicates the degree
of matching present at a switch RF port.
Video Feedthrough
Spurious signals present at the RF ports of the switch when the
control voltage is switched from high to low or low to high
without an RF signal present.


Similar Part No. - ADG918BCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918BCP AD-ADG918BCP Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG918BCPZ-500RL7 AD-ADG918BCPZ-500RL7 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG918BCPZ-REEL7 AD-ADG918BCPZ-REEL7 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
More results

Similar Description - ADG918BCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG918 AD-ADG918 Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com