Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1872 Datasheet(PDF) 3 Page - Texas Instruments

Part # UC1872
Description  Resonant Lamp Ballast Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1872 Datasheet(HTML) 3 Page - Texas Instruments

  UC1872_09 Datasheet HTML 1Page - Texas Instruments UC1872_09 Datasheet HTML 2Page - Texas Instruments UC1872_09 Datasheet HTML 3Page - Texas Instruments UC1872_09 Datasheet HTML 4Page - Texas Instruments UC1872_09 Datasheet HTML 5Page - Texas Instruments UC1872_09 Datasheet HTML 6Page - Texas Instruments UC1872_09 Datasheet HTML 7Page - Texas Instruments UC1872_09 Datasheet HTML 8Page - Texas Instruments UC1872_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
UC1872
UC2872
UC3872
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these parameters apply for TJ =
−55° C to +125°C for the
UC1872, –40
° C to +85° C for the UC2872, −0°C to +70°C for the UC3872; VCC= 5V, VC = 15V, VENBL = 5V, CT = 1nF, ZD = 1V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Error Amp Section (cont.)
Output Low
VINV = 1.7V
0.1
0.2
V
Output Source Current
VINV = 1.3V, VO = 2V
–350
–500
µA
Output Sink Current
VINV = 1.7V, VO = 2V
10
20
mA
Common Mode Range
0VIN-1V
V
Unity Gain Bandwidth
TJ = 25° C (Note 4)
1
MHz
Open Lamp Detect Section
Soft Start Threshold
VINV = 0V
2.9
3.4
3.8
V
Open Lamp Detect Threshold
VSS = 4.2V
0.6
1.0
1.4
V
Soft Start Current
VSS = 2V
10
20
40
µA
Output Section
Output Low Level
IOUT = 0, Outputs A and B
0.05
0.2
V
IOUT = 10mA
0.1
0.4
V
IOUT = 100mA
1.5
2.2
V
Output High Level
IOUT = 0, Output C
13.9
14.9
V
IOUT = −10mA
13.5
14.3
V
IOUT = −100mA
12.5
13.5
V
Rise Time
TJ = 25° C, Cl = 1nF (Note 4)
30
80
ns
Fall Time
TJ = 25° C, Cl = 1nF (Note 4)
30
80
ns
Output Dynamics
Out A and B Duty Cycle
48
49.9
50
%
Out C Max Duty Cycle
VINV = 1V
100
%
Out C Min Duty Cycle
VINV = 2V
0
%
Under Voltage Lockout Section
Startup Threshold Voltage
3.7
4.2
4.5
V
Hysteresis
120
200
280
mV
Enable Section
Input High Threshold
2V
Input Low Threshold
0.8
V
Input Current
VENBL = 5V
150
400
µA
Supply Current Section
VCC Supply Current
VCC = 24V
6
14
mA
VC Supply Current
VC = 24V
5
12
mA
ICC Disabled
VCC = 24V, VENBL = 0V
1
10
µA
Note 3: Unless otherwise specified, all voltages are with respect to ground. Currents are positive into, and negative out of the
specified terminal.
Note 4: Guaranteed by design. Not 100% tested in production.


Similar Part No. - UC1872_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1872 TI-UC1872 Datasheet
190Kb / 7P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results

Similar Description - UC1872_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1872 TI-UC1872 Datasheet
190Kb / 7P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DW TI-UC2872DW Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
AUK corp
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Champion Microelectroni...
CM6900G CHAMP-CM6900G Datasheet
226Kb / 12P
   Resonant Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com