Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASEMP Datasheet(PDF) 6 Page - Abracon Corporation

Part # ASEMP
Description  Moisture Sensitivity Level ??MSL 1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMP Datasheet(HTML) 6 Page - Abracon Corporation

  ASEMP Datasheet HTML 1Page - Abracon Corporation ASEMP Datasheet HTML 2Page - Abracon Corporation ASEMP Datasheet HTML 3Page - Abracon Corporation ASEMP Datasheet HTML 4Page - Abracon Corporation ASEMP Datasheet HTML 5Page - Abracon Corporation ASEMP Datasheet HTML 6Page - Abracon Corporation ASEMP Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
| | | | | | | | | | | | | |
|
Pb RoHS
Compliant
3.2 x 2.5 x 0.85 mm
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ASEMP
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE
PURE SILICONTM CLOCK OSCILLATOR
Life Size
ASEMP
Test Circuit
HCSL OUTPUT
30332Esperanza, Rancho Santa Margarita,California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Visit
www.abracon.comfor Terms & Conditions of Sale
Revised: 07.16.12


Similar Part No. - ASEMP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEMPLV-100.000MHZ-LR-T ABRACON-ASEMPLV-100.000MHZ-LR-T Datasheet
4Mb / 7P
   PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
07.16.12
More results

Similar Description - ASEMP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL34A MCC-SL34A Datasheet
451Kb / 3P
   Moisture Sensitivity Level 1
ESDLC5V0PB8 MCC-ESDLC5V0PB8 Datasheet
867Kb / 4P
   Moisture Sensitivity Level 1
ESDLC5V0DFN10 MCC-ESDLC5V0DFN10 Datasheet
489Kb / 3P
   Moisture Sensitivity Level 1
logo
Taiwan Semiconductor Co...
2CZ4004 TSC-2CZ4004 Datasheet
232Kb / 3P
   Surface mounted device type, Moisture sensitivity level 1
logo
P-tec Corporation
PDC564SM-CXMRGB1 P-TEC-PDC564SM-CXMRGB1 Datasheet
1Mb / 10P
   JEDEC moisture sensitivity level 2A
logo
Micro Commercial Compon...
1N4001 MCC-1N4001_13 Datasheet
239Kb / 4P
   Low Current Leakage and Low Cost Moisture Sensitivity Level 1
logo
P-tec Corporation
PDC56SM-CXMRGB1 P-TEC-PDC56SM-CXMRGB1 Datasheet
940Kb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
PDC563SM-CXMRGB1 P-TEC-PDC563SM-CXMRGB1 Datasheet
1Mb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
PDC562SM-CXMRGB1 P-TEC-PDC562SM-CXMRGB1 Datasheet
1Mb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
logo
Wurth Elektronik GmbH &...
140357145200 WURTH-140357145200 Datasheet
2Mb / 12P
   General Information: Operating Temperature -55 up to 110 °C Storage Conditions (for single parts) -55 up to 125 °C Storage Conditions (in original packaging) < 40 °C ; < 75 % RH Moisture Sensitivity Level (MSL) 1
001.003
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com