Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593002B03400G Datasheet(PDF) 11 Page - Aavid, Thermal Division of Boyd Corporation

Part # 593002B03400G
Description  How to Use This Catalog
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

593002B03400G Datasheet(HTML) 11 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 593002B03400G Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation 593002B03400G Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation 593002B03400G Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation 593002B03400G Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation 593002B03400G Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation 593002B03400G Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation 593002B03400G Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation 593002B03400G Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation 593002B03400G Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
11
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
The performance graphs you will see in this
catalog (see graph 579802) are actually a
composite of two separate graphs which
have been combined to save space. The small
arrows on each curve indicate to which axis
the curve corresponds. Thermal graphs are
published assuming the device to be cooled
is properly mounted and the heat sink is in
its recommended mounting position.
GRAPH A is used to show heat sink perform-
ance when used in a natural convection envi-
ronment (i.e. without forced air). This graph
starts in the lower left hand corner with the
horizontal axis representing the heat dissipa-
tion (watts) and the vertical left hand axis
representing the rise in heat sink mounting
surface temperature above ambient (°C). By
knowing the power to be dissipated, the
temperature rise of the mounting surface
can be predicted. Thermal resistance in natu-
ral convection is determined by dividing this
temperature rise by the power input (°C/W).
EXAMPLE A: Aavid Thermalloy part number
579802 is to be used to dissipate 3 watts of
power in natural convection. Because we are
dealing with natural convection, we refer to
graph “A”. Knowing that 3 watts are to be dis-
sipated, follow the grid line to the curve and
find that at 3 watts there is a temperature
rise of 75°C. To get the thermal resistance,
divide the temperature rise by the power
dissipated, which yields 25°C/W.
GRAPH B is used to show heat sink per-
formance when used in a forced convec-
tion environment (i.e. with forced air flow
through the heat sink). This graph has its
origin in the top right hand corner with
the horizontal axis representing air velocity
over the heat sink LFM* and the vertical
axis representing the thermal resistance of
the heat sink (°C/W). Air velocity is calculat-
ed by dividing the output volumetric flow
rate of the fan by the cross-sectional area
of the outflow air passage.
EXAMPLE B: For the same application
we add a fan which blows air over the heat
sink at a velocity of 400 LFM.
The addition of a fan indicates the use of
forced convection and therefore we refer
to graph “B”. This resistance of 9.50°C/W is
then multiplied by the power to be dissi-
pated, 3 watts. This yields a temperature
rise of 28.5°C.
CONVERTING VOLUME
TO VELOCITY
Although most fans are normally rated and
compared at their free air delivery at zero
back pressure, this is rarely the case in most
applications. For accuracy, the volume of
output must be derated 60%–80% for
the anticipation of back pressure.
EXAMPLE: The output air volume
of a fan is given as 80 CFM. The output area
is 6 inches by 6 inches or 36 in2 or 25 ft2.
To find velocity:
80
0.25
Velocity is 320 LFM, which at 80%,
derates to 256 LFM.
DESIGN ASSISTANCE
Aavid Thermalloy can assist in the design
of heat sinks for both forced and natural
convection applications. Contact us for help
with your next thermal challenge. For more
information, visit our web site at:
www.aavidthermalloy.com
Heat Dissipated—Watts
0
20
40
60
80
100
01
2
3
4
5
Air Velocity—Feet Per Minute
20
16
12
4
8
0
0
400
200
600
800
1000
GRAPH B
Velocity (LFM) =
Velocity =
= 320
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
GRAPH A
579802
Reading a Thermal Performance Graph
Velocity
(LFM)* = Volume (CFM)**
area (ft2)
* Linear feet per minute
** Cubic feet per minute
Volume (CFM)
area (ft2)


Similar Part No. - 593002B03400G

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
593002B03400G AAVID-593002B03400G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
More results

Similar Description - 593002B03400G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3972 STMICROELECTRONICS-AN3972 Datasheet
1Mb / 21P
   This document describes how to use the STM3210C-EVAL
AN1051 STMICROELECTRONICS-AN1051 Datasheet
174Kb / 9P
   This application note explains how to use the VIPER20
AN4570 STMICROELECTRONICS-AN4570 Datasheet
574Kb / 46P
   This application note describes how to use the high-density
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
   How to use the BT_HTS_RX_R2
AN3117 STMICROELECTRONICS-AN3117 Datasheet
421Kb / 28P
   This application note describes how to use the direct memory access
AN3008 STMICROELECTRONICS-AN3008 Datasheet
697Kb / 14P
   This application note describes how to use the STOD2540 DC-DC converter
AN934 STMICROELECTRONICS-AN934 Datasheet
129Kb / 14P
   How to use the digital calibration feature
AN1633 STMICROELECTRONICS-AN1633 Datasheet
68Kb / 9P
   This application note describes how to implement
AN2512 STMICROELECTRONICS-AN2512 Datasheet
668Kb / 38P
   This application note describes how to design
PM0059 STMICROELECTRONICS-PM0059 Datasheet
381Kb / 29P
   This programming manual describes how to program
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com