Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3895 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3895
Description  BiCMOS Advanced Phase-Shift PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3895 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC3895 Datasheet HTML 2Page - Texas Instruments UCC3895 Datasheet HTML 3Page - Texas Instruments UCC3895 Datasheet HTML 4Page - Texas Instruments UCC3895 Datasheet HTML 5Page - Texas Instruments UCC3895 Datasheet HTML 6Page - Texas Instruments UCC3895 Datasheet HTML 7Page - Texas Instruments UCC3895 Datasheet HTML 8Page - Texas Instruments UCC3895 Datasheet HTML 9Page - Texas Instruments UCC3895 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
3
18
17
16
EAN
1
2
20 19
15
14
4
5
6
7
8
9
11
10
12 13
EAOUT
RAMP
EAP
SS/DISB
OUTA
OUTB
OUTC
OUTD
PGND
REF
GND
SYNC
CT
RT
VDD
CS
ADS
DELAB
DELCD
OUTA
SS/DISB
EAP
OUTB
PGND
OUTC
VDD
OUTD
EAOUT
EAN
RT
SYNC
CT
RAMP
REF
GND
DELCD
DELAB
CS
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
ADS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EAN
EAOUT
RAMP
REF
GND
SYNC
CT
RT
DELAB
DELCD
EAP
SS/DISB
OUTA
OUTB
PGND
VDD
OUTC
OUTD
CS
ADS
PW and DW PACKAGE
(TOP VIEW)
UCC1895, UCC2895, UCC3895
SLUS157P – DECEMBER 1999 – REVISED JUNE 2013
www.ti.com
DEVICE INFORMATION
PW AND DW PACKAGE DRAWINGS
N AND J PACKAGE DRAWINGS
(TOP VIEW)
(TOP VIEW)
FN AND FK PACKAGE DRAWINGS
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
The adaptive-delay-set pin sets the ratio between the maximum and minimum programmed output delay
ADS
11
I
dead time.
CS
12
I
Current sense input for cycle-by-cycle current limiting and for over-current comparator.
Oscillator timing capacitor for programming the switching frequency. The UCC3895 oscillator charges CT via
CT
7
I
a programmed current.
The delay-programming between complementary-outputs pin, DELAB, programs the dead time between
DELAB
9
I
switching of output A and output B.
The delay-programming between complementary-outputs pin, DELCD, programs the dead time between
DELCD
10
I
switching of output C and output D.
EAOUT
2
I/O
Error amplifier output.
EAP
20
I
Non-inverting input to the error amplifier. Keep below 3.6 V for proper operation.
EAN
1
I
Inverting input to the error amplifier. Keep below 3.6 V for proper operation.
GND
5
-
Chip ground for all circuits except the output stages.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: UCC1895 UCC2895 UCC3895


Similar Part No. - UCC3895

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3895 TI-UCC3895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC3895 TI-UCC3895 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC3895DW TI-UCC3895DW Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC3895DW TI-UCC3895DW Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC3895DWG4 TI-UCC3895DWG4 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results

Similar Description - UCC3895

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com