Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB3906 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FMB3906
Description  PNP Multi-Chip General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB3906 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FMB3906 Datasheet HTML 1Page - Fairchild Semiconductor FMB3906 Datasheet HTML 2Page - Fairchild Semiconductor FMB3906 Datasheet HTML 3Page - Fairchild Semiconductor FMB3906 Datasheet HTML 4Page - Fairchild Semiconductor FMB3906 Datasheet HTML 5Page - Fairchild Semiconductor FMB3906 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Characteristics (continued)
Voltage Feedback Ratio
0.1
1
10
1
10
100
I - COLLECTOR CURRENT (mA)
C
Input Impedance
0.1
1
10
0.1
1
10
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
f = 1.0 kHz
Output Admittance
0.1
1
10
10
100
1000
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
f = 1.0 kHz
Current Gain
0.1
1
10
10
20
50
100
200
500
1000
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
f = 1.0 kHz
PNP Multi-Chip General Purpose Amplifier
(continued)


Similar Part No. - FMB3906

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB3904 FAIRCHILD-FMB3904 Datasheet
77Kb / 5P
   NPN General Purpose Amplifier
FMB3904 FAIRCHILD-FMB3904 Datasheet
99Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
More results

Similar Description - FMB3906

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A Datasheet
62Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
BC857S FAIRCHILD-BC857S Datasheet
51Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A_1 Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
FMBA56 FAIRCHILD-FMBA56 Datasheet
42Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FJYF2906 FAIRCHILD-FJYF2906 Datasheet
141Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com